Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1741 Datasheet (PDF) - Sanyo Semicon Device

LB1741 Datasheet PDF - Sanyo Semicon Device
Part # LB1741
Download  LB1741 Download
File Size   82.68 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Octal NPN Darlington-pair Transistor Array

LB1741 Datasheet (PDF)

Go To PDF Page Download Datasheet
LB1741 Datasheet PDF - Sanyo Semicon Device

Part # LB1741
Download  LB1741 Click to download

File Size   82.68 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Octal NPN Darlington-pair Transistor Array

LB1741 Datasheet (HTML) - Sanyo Semicon Device


LB1741 Product details

Overview
The LB1741 is a high-current Darlington-pair transistor array that incorporates output clamp diodes, making it ideal for driving inductive loads.
The LB1741 with active-HIGH, 10.5kΩ impedance inputs interfaces directly to P-MOS or CMOS logic. With an input voltage of –0.5 to 30V (max), outputs can sink 500mA (max) per channel and have 50V (max) output withstand voltage.
The LB1741 is available in 18-pin DIPs.

Features
• Output clamp diodes.
• Drives inductive loads.
• Active-HIGH, 10.5kΩ impedance inputs.
• Interfaces to P-MOS or CMOS logic.
• 500mA (max) per channel output current sink.
• 50V (max) output withstand voltage.
• 30V (max) input voltage.
• 18-pin DIP.




Similar Part No. - LB1741

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1740 SANYO-LB1740 Datasheet
41Kb / 2P
8-Channel, Current-Source Output, Darlington Transistor Array
logo
Power-One
LB1740-6R POWER-ONE-LB1740-6R Datasheet
447Kb / 4P
700 Watt AC-DC Converters
logo
Sanyo Semicon Device
LB1745 SANYO-LB1745 Datasheet
52Kb / 2P
Octal High-Voltage,Current-Source Output Driver
More results


Similar Description - LB1741

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ULQ2003A TI-ULQ2003A Datasheet
143Kb / 9P
DARLINGTON TRANSISTOR ARRAY
logo
Sanyo Semicon Device
LB1287 SANYO-LB1287 Datasheet
76Kb / 3P
Darlington Transistor Array
logo
fujitsu semiconductor
FT5763M FUJITSU-FT5763M Datasheet
132Kb / 2P
SILICON DARLINGTON TRANSISTOR ARRAY
logo
Texas Instruments
ULN2803A TI-ULN2803A Datasheet
240Kb / 10P
DARLINGTON TRANSISTOR ARRAY
logo
NEC
UPA2004C NEC-UPA2004C Datasheet
270Kb / 4P
NPN SILICON EPITAXIAL DARLINGTON TRANSISTOR ARRAY
logo
List of Unclassifed Man...
FT5761M ETC1-FT5761M Datasheet
6Kb / 1P
DARLINGTON TRANSISTOR ARRAY
UPA53C ETC1-UPA53C Datasheet
43Kb / 1P
NPN SILICON EPITAXIAL DARLINGTON TRANSISTOR ARRAY
logo
Texas Instruments
ULN2803A TI-ULN2803A_06 Datasheet
353Kb / 11P
DARLINGTON TRANSISTOR ARRAY
ULN2803A TI-ULN2803A_09 Datasheet
436Kb / 12P
DARLINGTON TRANSISTOR ARRAY
ULN2803C TI-ULN2803C Datasheet
1Mb / 20P
ULN2803C Darlington Transistor Array
AUGUST 2022
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com