Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATTINY88 Datasheet (PDF) - ATMEL Corporation

ATTINY88 Datasheet PDF - ATMEL Corporation
Part # ATTINY88
Download  ATTINY88 Download
File Size   4873.89 Kbytes
Page   246 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description High Endurance Non-volatile Memory Segments

ATTINY88 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATTINY88 Datasheet PDF - ATMEL Corporation

Part # ATTINY88
Download  ATTINY88 Click to download

File Size   4873.89 Kbytes
Page   246 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description High Endurance Non-volatile Memory Segments

ATTINY88 Datasheet (HTML) - ATMEL Corporation


ATTINY88 Product details

Overview
The ATtiny48/88 is a low-power CMOS 8-bit microcontroller based on the AVR enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the ATtiny48/88 achieves throughputs approaching 1 MIPS per MHz allowing the system designer to optimize power consumption versus processing speed.

Features
• High Performance, Low Power AVR® 8-Bit Microcontroller
• Advanced RISC Architecture
   – 123 Powerful Instructions – Most Single Clock Cycle Execution
   – 32 x 8 General Purpose Working Registers
   – Fully Static Operation
• High Endurance Non-volatile Memory Segments
   – 4K/8K Bytes of In-System Self-Programmable Flash Program Memory
   – 64/64 Bytes EEPROM
   – 256/512 Bytes Internal SRAM
   – Write/Erase Cycles: 10,000 Flash/100,000 EEPROM
   – Data Retention: 20 years at 85°C / 100 years at 25°C
   – Programming Lock for Software Security
• Peripheral Features
   – One 8-bit Timer/Counter with Separate Prescaler and Compare Mode
   – One 16-bit Timer/Counter with Prescaler, and Compare and Capture Modes
   – 6- or 8-channel 10-bit ADC
   – Master/Slave SPI Serial Interface
   – Byte-oriented 2-wire Serial Interface (Philips I2C Compatible)
   – Programmable Watchdog Timer with Separate On-Chip Oscillator
   – On-Chip Analog Comparator
   – Interrupt and Wake-up on Pin Change
• Special Microcontroller Features
   – debugWIRE On-Chip Debug System
   – In-System Programmable via SPI Port
   – Power-On Reset and Programmable Brown-Out Detection
   – Internal Calibrated Oscillator
   – External and Internal Interrupt Sources
   – Three Sleep Modes: Idle, ADC Noise Reduction and Power-Down
   – On-Chip Temperature Sensor
• I/O and Packages
   – 24 Programmable I/O Lines:
• 28-pin PDIP
• 28-pad QFN/MLF
   – 28 Programmable I/O Lines:
• 32-lead TQFP
• 32-pad QFN/MLF
• 32-ball UFBGA
• Operating Voltage:
   – 1.8 – 5.5V
• Temperature Range:
   – -40°C to +85°C
• Speed Grade:
   – 0 – 4 MHz @ 1.8 – 5.5V
   – 0 – 8 MHz @ 2.7 – 5.5V
   – 0 – 12 MHz @ 4.5 – 5.5V
• Low Power Consumption
   – Active Mode: 1 MHz, 1.8V: 240 µA
   – Power-Down Mode: 0.1 µA at 1.8V




Similar Part No. - ATTINY88

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATtiny88 ATMEL-ATtiny88 Datasheet
728Kb / 23P
8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
ATtiny88 ATMEL-ATtiny88 Datasheet
6Mb / 266P
8-bit Microcontroller with 4/8K Bytes In-System Programmable Flash
ATTINY88 ATMEL-ATTINY88 Datasheet
8Mb / 298P
123 Powerful Instructions ??Most Single Clock Cycle Execution
ATTINY88 ATMEL-ATTINY88 Datasheet
4Mb / 246P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATtiny88 ATMEL-ATtiny88 Datasheet
5Mb / 20P
Atmel짰 AVR짰 32-bit microcontrollers
More results


Similar Description - ATTINY88

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48 ATMEL-ATMEGA48_14 Datasheet
8Mb / 377P
High endurance non-volatile memory segments
ATMEGA88V ATMEL-ATMEGA88V_14 Datasheet
8Mb / 377P
High endurance non-volatile memory segments
ATMEGA128L ATMEL-ATMEGA128L_14 Datasheet
6Mb / 386P
High Endurance Non-volatile Memory segments
ATMEGA168 ATMEL-ATMEGA168_14 Datasheet
8Mb / 377P
High endurance non-volatile memory segments
ATMEGA649 ATMEL-ATMEGA649_14 Datasheet
6Mb / 392P
High Endurance Non-volatile Memory Segments
ATMEGA3250 ATMEL-ATMEGA3250_14 Datasheet
6Mb / 362P
High Endurance Non-volatile Memory Segments
ATMEGA6490 ATMEL-ATMEGA6490_14 Datasheet
6Mb / 392P
High Endurance Non-volatile Memory Segments
ATTINY13V ATMEL-ATTINY13V_14 Datasheet
3Mb / 176P
High Endurance Non-volatile Memory segments
ATMEGA165PV ATMEL-ATMEGA165PV_14 Datasheet
7Mb / 364P
High Endurance Non-volatile Memory segments
ATMEGA325P ATMEL-ATMEGA325P_14 Datasheet
5Mb / 364P
High Endurance Non-volatile Memory segments
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com