Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1824 Datasheet (PDF) - Sanyo Semicon Device

LB1824 Datasheet PDF - Sanyo Semicon Device
Part # LB1824
Download  LB1824 Download
File Size   134.46 Kbytes
Page   9 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Power Brushless Motor Driver for OA Equipment

LB1824 Datasheet (PDF)

Go To PDF Page Download Datasheet
LB1824 Datasheet PDF - Sanyo Semicon Device

Part # LB1824
Download  LB1824 Click to download

File Size   134.46 Kbytes
Page   9 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Power Brushless Motor Driver for OA Equipment

LB1824 Datasheet (HTML) - Sanyo Semicon Device


LB1824 Product details

Overview

The LB1824 produces the direct PWM drive output appropriate for the brushless motors used in office data processing (OA) equipment, and integrates on a single chip the speed control circuits, FG amplifier, and other circuits required to form the drive circuit.



Features

• Breakdown voltage: 30 V, output current: 2.5 A

• Direct PWM drive output

• Crystal oscillator circuit

• Speed discriminator plus PLL speed control system

• Forward/reverse switching circuit

• Start/stop switching circuit

• Current control circuit

• Overheating protection circuit

• Built-in FG amplifier

• Lock detection output




Similar Part No. - LB1824

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LB182 ETC-LB182 Datasheet
3Mb / 32P
TORQUE PRODUCTS
logo
Sanyo Semicon Device
LB1820 SANYO-LB1820 Datasheet
77Kb / 7P
Office Automation-Use 3-Phase Brushless Motor Driver
LB1821 SANYO-LB1821 Datasheet
223Kb / 16P
Power Brushless Motor Pre-Driver IC for OA Equipment
LB1821M SANYO-LB1821M Datasheet
223Kb / 16P
Power Brushless Motor Pre-Driver IC for OA Equipment
LB1822 SANYO-LB1822 Datasheet
112Kb / 5P
3-phase Brushless Motor Predriver with Digital Speed Control
More results


Similar Description - LB1824

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1821M SANYO-LB1821M Datasheet
223Kb / 16P
Power Brushless Motor Pre-Driver IC for OA Equipment
LB1823M SANYO-LB1823M Datasheet
119Kb / 11P
Power Brushless Motor Predriver IC for OA Applications
LB1921 SANYO-LB1921 Datasheet
138Kb / 10P
Three-Phase Brushless Motor Driver for OA Applications
LB1929 SANYO-LB1929 Datasheet
104Kb / 12P
Three-Phase Brushless Motor Driver for OA Products
LB11827 SANYO-LB11827 Datasheet
144Kb / 11P
Three-Phase Brushless Motor Driver for OA Products
LB1923M SANYO-LB1923M Datasheet
110Kb / 17P
Power Brushless Motor Pre-Driver IC for OA Equipment
LB11822 SANYO-LB11822 Datasheet
151Kb / 11P
Three-Phase Brushless Motor Driver for OA Products
LB11826 SANYO-LB11826_08 Datasheet
135Kb / 11P
For OA Products Three-Phase Brushless Motor Driver
LB11920 SANYO-LB11920_08 Datasheet
159Kb / 10P
For OA Products Three-Phase Brushless Motor Driver
LB11922 SANYO-LB11922_08 Datasheet
185Kb / 15P
For OA Products Three-Phase Brushless Motor Driver
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com