Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS355 Datasheet (PDF) - Pan Jit International Inc.

1SS355 Datasheet PDF - Pan Jit International Inc.
Part # 1SS355
Download  1SS355 Download
File Size   84.23 Kbytes
Page   3 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT SWITCHING DIODE

1SS355 Datasheet (PDF)

Go To PDF Page Download Datasheet
1SS355 Datasheet PDF - Pan Jit International Inc.

Part # 1SS355
Download  1SS355 Click to download

File Size   84.23 Kbytes
Page   3 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT SWITCHING DIODE

1SS355 Datasheet (HTML) - Pan Jit International Inc.


1SS355 Product details

VOLTAGE 90 Volts POWER 200 mW

FEATURES
• Small surgace mounting type (SOD-323)
• High Speed (TRR=1.2ns Typ)
• High reliability with surge current handing capability
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)

MECHANICAL DATA
• Case: SOD-323 plastic
• Terminals: Solderable per MIL-STD-750,Method 2026
• Polarity: Color band denotes cathode end
• Approx Weight: 0.00014 ounces, 0.0041 grams
• Silicon epitaxial planar
• Marking: 355




Similar Part No. - 1SS355

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS355 ROHM-1SS355 Datasheet
61Kb / 2P
Silicon Epitaxial Planar High-Speed Switching Diodes
1SS355 ROHM-1SS355 Datasheet
247Kb / 4P
Switching diode
logo
Weitron Technology
1SS355 WEITRON-1SS355 Datasheet
445Kb / 3P
Surface Mount Switching Diode
logo
Tak Cheong Electronics ...
1SS355 TAK_CHEONG-1SS355 Datasheet
197Kb / 5P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package High Speed Switching Diode
logo
Galaxy Semi-Conductor H...
1SS355 BILIN-1SS355 Datasheet
209Kb / 3P
Silicon Epitaxial Planar Diode
Rev.A
More results


Similar Description - 1SS355

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Zowie Technology Corpor...
MMDL6050T1 ZOWIE-MMDL6050T1 Datasheet
47Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
GTM CORPORATION
GD511 GTM-GD511 Datasheet
230Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GDMBD2004 GTM-GDMBD2004 Datasheet
221Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GSBAS16 GTM-GSBAS16 Datasheet
119Kb / 2P
SURFACE MOUNT, SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAL99 TSC-BAL99 Datasheet
46Kb / 2P
Surface Mount Switching Diode
MMBD4148 TSC-MMBD4148 Datasheet
53Kb / 2P
Surface Mount Switching Diode
MMBD4448H TSC-MMBD4448H Datasheet
44Kb / 2P
Surface Mount Switching Diode
BAV23S TSC-BAV23S Datasheet
46Kb / 2P
Surface Mount Switching Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com