Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS388 Datasheet (PDF) - Pan Jit International Inc.

1SS388 Datasheet PDF - Pan Jit International Inc.
Part # 1SS388
Download  1SS388 Download
File Size   116.19 Kbytes
Page   3 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SILICON EPITAXIAL SCHOTTKY BARRIER TYPE

1SS388 Datasheet (PDF)

Go To PDF Page Download Datasheet
1SS388 Datasheet PDF - Pan Jit International Inc.

Part # 1SS388
Download  1SS388 Click to download

File Size   116.19 Kbytes
Page   3 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SILICON EPITAXIAL SCHOTTKY BARRIER TYPE

1SS388 Datasheet (HTML) - Pan Jit International Inc.


1SS388 Product details

FEATURES
• Low forward voltage : VF(3)=0.54V(typ.)
• Low reverse current : IR=5μA(typ.)
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)

APPLICATIONS
• Case : SOD-523 plastic
• Terminals : Solderable per MIL-STD-750,Method 2026
• Approx Weight : 0.00005 ounces, 0.0014 grams
• Marking : 38




Similar Part No. - 1SS388

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS388 TOSHIBA-1SS388 Datasheet
123Kb / 2P
DIODE (HGH SPEED SWITCHING APPLICATION)
07-May-1997
1SS388 TOSHIBA-1SS388 Datasheet
217Kb / 3P
High Speed Switching Application
01-Nov-2007
logo
Galaxy Semi-Conductor H...
1SS388 BILIN-1SS388 Datasheet
249Kb / 3P
High Speed Switching Diode
Rev.A
logo
Guangdong Kexin Industr...
1SS388 KEXIN-1SS388 Datasheet
32Kb / 1P
HIGH SPEED SWITCHING APPLICATION
logo
SEMTECH ELECTRONICS LTD...
1SS388 SEMTECH_ELEC-1SS388 Datasheet
217Kb / 3P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
More results


Similar Description - 1SS388

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS404 TOSHIBA-1SS404_07 Datasheet
120Kb / 3P
Silicon Epitaxial Schottky Barrier Type
01-Nov-2007
DSF05S30CTB TOSHIBA-DSF05S30CTB Datasheet
178Kb / 3P
Diode Silicon Epitaxial Schottky Barrier Type
03-Aug-2009
DSF05S30U TOSHIBA-DSF05S30U Datasheet
183Kb / 3P
Diode Silicon Epitaxial Schottky Barrier Type
11-May-2009
DSF07S30U TOSHIBA-DSF07S30U Datasheet
186Kb / 3P
Diode Silicon Epitaxial Schottky Barrier Type
28-Apr-2009
DSR05S30CTB TOSHIBA-DSR05S30CTB Datasheet
179Kb / 3P
Diode Silicon Epitaxial Schottky Barrier Type
03-Aug-2009
DSR05S30U TOSHIBA-DSR05S30U Datasheet
184Kb / 3P
Diode Silicon Epitaxial Schottky Barrier Type
11-May-2009
DSR07S30U TOSHIBA-DSR07S30U Datasheet
188Kb / 3P
Diode Silicon Epitaxial Schottky Barrier Type
28-Apr-2009
logo
Pan Jit International I...
1SS388 PANJIT-1SS388_16 Datasheet
175Kb / 5P
SILICON EPITAXIAL SCHOTTKY BARRIER TYPE
logo
Toshiba Semiconductor
JDH2S01T TOSHIBA-JDH2S01T Datasheet
70Kb / 2P
Diode Silicon Epitaxial Schottky Barrier Type
24-Mar-2003
logo
Pan Jit International I...
1SS388 PANJIT-1SS388_V01 Datasheet
174Kb / 5P
SILICON EPITAXIAL SCHOTTKY BARRIER TYPE
May 31,2016REV.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com