Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2411K Datasheet (PDF) - Pan Jit International Inc.

2SC2411K Datasheet PDF - Pan Jit International Inc.
Part # 2SC2411K
Download  2SC2411K Download
File Size   359.42 Kbytes
Page   4 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description NPN GENERAL PURPOSE SWITCHING TRANSISTOR

2SC2411K Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC2411K Datasheet PDF - Pan Jit International Inc.

Part # 2SC2411K
Download  2SC2411K Click to download

File Size   359.42 Kbytes
Page   4 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description NPN GENERAL PURPOSE SWITCHING TRANSISTOR

2SC2411K Datasheet (HTML) - Pan Jit International Inc.


2SC2411K Product details

VOLTAGE 32 Volts POWER 225mW



FEATURES

• NPN epitaxial silicon,planar design

• Collector-emitter voltage VCE=32V

• Collector current IC=500mA

• In compliance with EU RoHS 2002/95/EC directives



 




Similar Part No. - 2SC2411K

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC2411K ROHM-2SC2411K Datasheet
73Kb / 4P
Medium Power Transistor (32V, 0.5A)
logo
Guangdong Kexin Industr...
2SC2411K KEXIN-2SC2411K Datasheet
41Kb / 1P
Medium Power Transistor
logo
Weitron Technology
2SC2411K WEITRON-2SC2411K Datasheet
1Mb / 5P
NPN General Purpose Transistors
logo
Rohm
2SC2411K ROHM-2SC2411K Datasheet
78Kb / 4P
Medium Power Transistor (32V, 0.5A)
logo
SHENZHEN YONGERJIA INDU...
2SC2411K WINNERJOIN-2SC2411K Datasheet
129Kb / 1P
TRANSISTOR (NPN)
More results


Similar Description - 2SC2411K

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
2N4401 PANJIT-2N4401 Datasheet
202Kb / 4P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT2222AW PANJIT-MMBT2222AW Datasheet
97Kb / 4P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT2369A PANJIT-MMBT2369A Datasheet
167Kb / 4P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3904W PANJIT-MMBT3904W Datasheet
102Kb / 4P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT4401 PANJIT-MMBT4401 Datasheet
90Kb / 3P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT4401W PANJIT-MMBT4401W Datasheet
887Kb / 3P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3904-AU PANJIT-MMBT3904-AU Datasheet
417Kb / 6P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
logo
Compact Technology Corp...
MMBT2222A CTC-MMBT2222A Datasheet
78Kb / 4P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
logo
Pan Jit International I...
2N3904N PANJIT-2N3904N_15 Datasheet
393Kb / 6P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
2SC2411K-AU PANJIT-2SC2411K-AU Datasheet
298Kb / 6P
NPN GENERAL PURPOSE SWITCHING TRANSISTOR
November 16,2013-REV.02
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com