Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV199S Datasheet (PDF) - Pan Jit International Inc.

BAV199S Datasheet PDF - Pan Jit International Inc.
Part # BAV199S
Download  BAV199S Download
File Size   146.49 Kbytes
Page   3 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES

BAV199S Datasheet (PDF)

Go To PDF Page Download Datasheet
BAV199S Datasheet PDF - Pan Jit International Inc.

Part # BAV199S
Download  BAV199S Click to download

File Size   146.49 Kbytes
Page   3 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES

BAV199S Datasheet (HTML) - Pan Jit International Inc.


BAV199S Product details

VOLTAGE 100 Volts POWER 200mWatts

FEATURES
• Suface mount package ideally suited for automatic insertion.
• Very low leakage current. 2nA typical at VR=75V.
• Low capacitance. 2pF max at VR=0V, f=1MHz
• In compliance with EU RoHS 2002/95/EC directives

MECHANICAL DATA
• Case: SOT-363 plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx weight: 0.008 gram
• Marking: BAS116TW :PA,BAW156DW :P4,BAV170DW :P3,BAV199S :PB




Similar Part No. - BAV199S

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV199S PANJIT-BAV199S Datasheet
123Kb / 3P
SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES ARRAY
logo
Nexperia B.V. All right...
BAV199S-Q NEXPERIA-BAV199S-Q Datasheet
209Kb / 10P
Low-leakage quadruple diode
27 July 2022
logo
FutureWafer Tech Co.,Lt...
BAV199SDF FUTUREWAFER-BAV199SDF Datasheet
1Mb / 15P
Surface Mount Switching Diode Array
logo
Pan Jit International I...
BAV199STB6 PANJIT-BAV199STB6 Datasheet
120Kb / 3P
SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES ARRAY
BAV199STB6 PANJIT-BAV199STB6 Datasheet
405Kb / 5P
SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES ARRAY
August 10,2022 BAV199STB6-REV.02
More results


Similar Description - BAV199S

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS116 PANJIT-BAS116 Datasheet
96Kb / 3P
SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
BAS116W PANJIT-BAS116W Datasheet
56Kb / 3P
SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
BAV199S PANJIT-BAV199S Datasheet
123Kb / 3P
SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES ARRAY
BAV199S PANJIT-BAV199S_04 Datasheet
47Kb / 3P
SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES ARRAY
BAS116 PANJIT-BAS116_07 Datasheet
142Kb / 3P
SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
BAS116W PANJIT-BAS116W_08 Datasheet
145Kb / 3P
SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
logo
Central Semiconductor C...
CMSD6001 CENTRAL-CMSD6001 Datasheet
672Kb / 2P
SURFACE MOUNT LOW LEAKAGE SILICON SWITCHING DIODES
logo
Pan Jit International I...
BAS116-AU PANJIT-BAS116-AU Datasheet
335Kb / 5P
SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
BAS116 PANJIT-BAS116_15 Datasheet
132Kb / 5P
SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
BAS116TW PANJIT-BAS116TW_16 Datasheet
167Kb / 5P
SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com