Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD640CT Datasheet (PDF) - Pan Jit International Inc.

BD640CT Datasheet PDF - Pan Jit International Inc.
Part # BD640CT
Download  BD640CT Download
File Size   46.68 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS

BD640CT Datasheet (PDF)

Go To PDF Page Download Datasheet
BD640CT Datasheet PDF - Pan Jit International Inc.

Part # BD640CT
Download  BD640CT Click to download

File Size   46.68 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS

BD640CT Datasheet (HTML) - Pan Jit International Inc.


BD640CT Product details

SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS



FEATURES

• Plastic package has Underwriters Laboratory Flammability Classification 94V-O

• For surface mounted applications

• Low profile package

• Built-in strain relief

• Low power loss, High efficiency

• High surge capacity

• For use in low voltage high frequency inverters, free wheeling, and polarity protection applications

• High temperature soldering guaranteed:260oC/10 seconds at terminals

• In compliance with EU RoHS 2002/95/EC directives



MECHANICAL DATA

• Case: TO-251AB molded plastic

• Terminals: Solder plated, solderable per MIL-STD-750,Method 2026

• Polarity: As marking

• Standard packaging: 16mm tape (EIA-481)

• Weight: 0.0104 ounces, 0.297grams.




Similar Part No. - BD640CT

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
BD640CT ZSELEC-BD640CT Datasheet
147Kb / 2P
6.0 A SCHOTTKY BARRIER DIODE
More results


Similar Description - BD640CT

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B220A WEITRON-B220A Datasheet
75Kb / 3P
Surface Mount Schottky Barrier Rectifiers
B320A WEITRON-B320A Datasheet
166Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD820T PANJIT-SD820T_05 Datasheet
427Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
SS32 BILIN-SS32 Datasheet
86Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK12 BILIN-SK12 Datasheet
149Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
B320B BILIN-B320B Datasheet
97Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
Surface Mount Schottky Barrier Rectifiers
04-Aug-08
logo
SeCoS Halbleitertechnol...
SCS400D SECOS-SCS400D_15 Datasheet
434Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com