Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSS138 Datasheet (PDF) - Pan Jit International Inc.

BSS138 Datasheet PDF - Pan Jit International Inc.
Part # BSS138
Download  BSS138 Download
File Size   114.76 Kbytes
Page   5 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 50V N-Channel Enhancement Mode MOSFET - ESD Protected

BSS138 Datasheet (PDF)

Go To PDF Page Download Datasheet
BSS138 Datasheet PDF - Pan Jit International Inc.

Part # BSS138
Download  BSS138 Click to download

File Size   114.76 Kbytes
Page   5 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 50V N-Channel Enhancement Mode MOSFET - ESD Protected

BSS138 Datasheet (HTML) - Pan Jit International Inc.


BSS138 Product details

FEATURES
• RDS(ON), VGS@10V,IDS@500mA=3Ω
• RDS(ON), VGS@4.5V,IDS@200mA=4Ω
• RDS(ON), VGS@2.5V,IDS@100mA=6Ω
• Advanced Trench Process Technology
• High Density Cell Design For Ultra Low On-Resistance
• Very Low Leakage Current In Off Condition
• Specially Designed for Battery Operated Systems, Solid-State Relays
   Drivers : Relays, Displays, Lamps, Solenoids, Memories, etc.
• ESD Protected
• In compliance with EU RoHS 2002/95/EC directives




Similar Part No. - BSS138

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BSS138 ZETEX-BSS138 Datasheet
58Kb / 3P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Siemens Semiconductor G...
BSS138 SIEMENS-BSS138 Datasheet
138Kb / 8P
SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
logo
Fairchild Semiconductor
BSS138 FAIRCHILD-BSS138 Datasheet
125Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
BSS138 CET-BSS138 Datasheet
481Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS138 DIODES-BSS138 Datasheet
92Kb / 5P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30144 Rev. 6 - 2
More results


Similar Description - BSS138

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJT138K PANJIT-PJT138K Datasheet
292Kb / 6P
50V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJX138K PANJIT-PJX138K Datasheet
287Kb / 6P
50V N-Channel Enhancement Mode MOSFET ??ESD Protected
BSS138 PANJIT-BSS138_14 Datasheet
151Kb / 5P
50V N-Channel Enhancement Mode MOSFET - ESD Protected
BSS138W PANJIT-BSS138W_14 Datasheet
216Kb / 7P
50V N-Channel Enhancement Mode MOSFET - ESD Protected
PJA138K PANJIT-PJA138K_14 Datasheet
371Kb / 6P
50V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJA3438 PANJIT-PJA3438 Datasheet
329Kb / 6P
50V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJC7438 PANJIT-PJC7438 Datasheet
344Kb / 6P
50V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJX8838 PANJIT-PJX8838 Datasheet
340Kb / 6P
50V N-Channel Enhancement Mode MOSFET??ESD Protected
PJC7438-AU PANJIT-PJC7438-AU Datasheet
462Kb / 6P
50V N-Channel Enhancement Mode MOSFET – ESD Protected
December 9,2021
PJT138K-AU PANJIT-PJT138K-AU Datasheet
389Kb / 6P
50V N-Channel Enhancement Mode MOSFET – ESD Protected
May 12,2017-REV.00
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com