Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCX789A Datasheet (PDF) - Diodes Incorporated

FCX789A Datasheet PDF - Diodes Incorporated
Part # FCX789A
Download  FCX789A Download
File Size   95.81 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR

FCX789A Datasheet (PDF)

Go To PDF Page Download Datasheet
FCX789A Datasheet PDF - Diodes Incorporated

Part # FCX789A
Download  FCX789A Click to download

File Size   95.81 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR

FCX789A Datasheet (HTML) - Diodes Incorporated


FCX789A Product details

Features
• BVCEO > -25V
• IC = -3A high Continuous Current
• ICM = -8A Peak Pulse Current
• Low saturation voltage VCE(sat) < -320mV @ -3A
• hFE specified up to -8A for high current gain hold up
• Complementary NPN Type: FCX688B
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - FCX789A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX789A ZETEX-FCX789A Datasheet
169Kb / 3P
PNP SILICON POWER (SWITCHING) TRANSISTOR
logo
Guangdong Kexin Industr...
FCX789A KEXIN-FCX789A Datasheet
51Kb / 2P
PNP Silicon Power Switching Transistor
logo
Diodes Incorporated
FCX789A DIODES-FCX789A_15 Datasheet
379Kb / 7P
25V PNP MEDIUM POWER TRANSISTOR IN SOT89
Rev 2
More results


Similar Description - FCX789A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FCX717 DIODES-FCX717 Datasheet
65Kb / 2P
SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
MAY 1999
FCX790A DIODES-FCX790A Datasheet
58Kb / 3P
SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
OCTOBER 2005
FCX1147A DIODES-FCX1147A Datasheet
92Kb / 3P
SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
DECEMBER 1998
FCX1151A DIODES-FCX1151A Datasheet
66Kb / 3P
SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
NOVEMBER 1998
FCX790ATA DIODES-FCX790ATA Datasheet
48Kb / 4P
SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
OCTOBER 2005
logo
List of Unclassifed Man...
FCX1151ATA ETC2-FCX1151ATA Datasheet
66Kb / 3P
SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
logo
Diodes Incorporated
FCX718 DIODES-FCX718_15 Datasheet
71Kb / 3P
SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
DECEMBER 1998
FCX1147A DIODES-FCX1147A_15 Datasheet
92Kb / 3P
SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
DECEMBER 1998
FCX1149A DIODES-FCX1149A_15 Datasheet
124Kb / 3P
SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
SEPTEMBER 1999
FCX1151A DIODES-FCX1151A_15 Datasheet
66Kb / 3P
SOT89 PNP SILICON POWER (SWITCHING) TRANSISTOR
NOVEMBER 1998
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com