Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT417TA Datasheet (PDF) - Diodes Incorporated

FMMT417TA Datasheet PDF - Diodes Incorporated
Part # FMMT417TA
Download  FMMT417TA Download
File Size   108.49 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT23 NPN SILICON PLANAR AVALANCHE TRANSISTOR

FMMT417TA Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMT417TA Datasheet PDF - Diodes Incorporated

Part # FMMT417TA
Download  FMMT417TA Click to download

File Size   108.49 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT23 NPN SILICON PLANAR AVALANCHE TRANSISTOR

FMMT417TA Datasheet (HTML) - Diodes Incorporated


FMMT417TA Product details

Description
The FMMT415/417 are NPN silicon planar bipolar transistors designed for operating in avalanche mode. Tight process control and low inductance packaging combine to produce high-current pulses with fast edges.

Features
• Avalanche Transistor
• 60A Peak Avalanche Current (Pulse width = 20ns)
• BVCES > 260V (415) & 320V (417)
• BVCEO > 100V
• Specifically designed for Avalanche mode operation
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• Laser Diode Drivers for Ranging and Measurement (LIDAR)
• Radar Systems
• Fast Edge Switch Generator
• High Speed Pulse Generators




Similar Part No. - FMMT417TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT417TA DIODES-FMMT417TA Datasheet
108Kb / 2P
SOT23 NPN SILICON PLANAR AVALANCHE TRANSISTOR
OCTOBER 1995
More results


Similar Description - FMMT417TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT413 ZETEX-FMMT413 Datasheet
98Kb / 2P
NPN SILICON PLANAR AVALANCHE TRANSISTOR
FMMT415 ZETEX-FMMT415 Datasheet
97Kb / 2P
NPN SILICON PLANAR AVALANCHE TRANSISTOR
ZTX413 ZETEX-ZTX413 Datasheet
44Kb / 2P
NPN SILICON PLANAR AVALANCHE TRANSISTOR
ZTX415 ZETEX-ZTX415 Datasheet
61Kb / 2P
NPN SILICON PLANAR AVALANCHE TRANSISTOR
ZUMT413 ZETEX-ZUMT413 Datasheet
54Kb / 2P
NPN SILICON PLANAR AVALANCHE TRANSISTOR
FMMT413 ZETEX-FMMT413_06 Datasheet
136Kb / 6P
SOT23 NPN silicon planar avalanche transistor
logo
Diodes Incorporated
FMMT413 DIODES-FMMT413 Datasheet
151Kb / 6P
SOT23 NPN silicon planar avalanche transistor
March 2006
ZTX415 DIODES-ZTX415 Datasheet
73Kb / 2P
NPN SILICON PLANAR AVALANCHE TRANSISTOR
NOVEMBER 1995
FMMT417TA DIODES-FMMT417TA Datasheet
108Kb / 2P
SOT23 NPN SILICON PLANAR AVALANCHE TRANSISTOR
OCTOBER 1995
ZTX413 DIODES-ZTX413 Datasheet
72Kb / 2P
NPN SILICON PLANAR AVALANCHE TRANSISTOR
MARCH 1994
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com