Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT459TC Datasheet (PDF) - Diodes Incorporated

FMMT459TC Datasheet PDF - Diodes Incorporated
Part # FMMT459TC
Download  FMMT459TC Download
File Size   196.34 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 500V Silicon NPN high voltage switching transistor

FMMT459TC Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMT459TC Datasheet PDF - Diodes Incorporated

Part # FMMT459TC
Download  FMMT459TC Click to download

File Size   196.34 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 500V Silicon NPN high voltage switching transistor

FMMT459TC Datasheet (HTML) - Diodes Incorporated


FMMT459TC Product details

Summary
V(BR)CEV > 500V
V(BR)ECV > 6V
Ic(cont) = 150 mA
Vce(sat) = 70 mV @ 50 mA

Description
This new high voltage transistor provides users with very efficient performance, combining low VCE(SAT) high Hfe to give extremely low on state losses at 500V operation, making it ideal for use in high efficiency Telecom and protected line switching applications.

Features
■ 6V reverse blocking capability
■ Low saturation voltage - 90mV @ 50mA
■ Hfe  50 @ 30 mA
■ IC=150mA continuous
■ SOT23 package with Ptot 625mW
■ Specification can be supplied in other package outlines

Applications
■ Electronic test equipment
■ Offline switching circuits
■ Piezo actuators
■ RCD circuit




Similar Part No. - FMMT459TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT459TC ZETEX-FMMT459TC Datasheet
169Kb / 6P
450V SILICON NPN HIGH VOLTAGE SWITCHING TRANSISTOR
FMMT459TC ZETEX-FMMT459TC Datasheet
236Kb / 6P
500V Silicon NPN high voltage switching transistor
More results


Similar Description - FMMT459TC

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
BUF636A TEMIC-BUF636A Datasheet
126Kb / 8P
Silicon NPN High Voltage Switching Transistor
logo
Vishay Siliconix
BUF644 VISHAY-BUF644 Datasheet
92Kb / 9P
Silicon NPN High Voltage Switching Transistor
20-Jan-99
logo
TEMIC Semiconductors
BUF742 TEMIC-BUF742 Datasheet
129Kb / 8P
Silicon NPN High Voltage Switching Transistor
logo
Vishay Siliconix
BUF7216 VISHAY-BUF7216 Datasheet
92Kb / 8P
Silicon NPN High Voltage Switching Transistor
20-Jan-99
logo
TEMIC Semiconductors
BUF744 TEMIC-BUF744 Datasheet
133Kb / 9P
Silicon NPN High Voltage Switching Transistor
BUF650 TEMIC-BUF650 Datasheet
88Kb / 8P
Silicon NPN High Voltage Switching Transistor
logo
Vaishali Semiconductor
BUD700D VAISH-BUD700D Datasheet
99Kb / 8P
Silicon NPN High Voltage Switching Transistor
logo
TEMIC Semiconductors
TE13004D TEMIC-TE13004D Datasheet
94Kb / 9P
Silicon NPN High Voltage Switching Transistor
logo
Zetex Semiconductors
FMMT459 ZETEX-FMMT459_05 Datasheet
236Kb / 6P
500V Silicon NPN high voltage switching transistor
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com