Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT493A Datasheet (PDF) - Diodes Incorporated

FMMT493A Datasheet PDF - Diodes Incorporated
Part # FMMT493A
Download  FMMT493A Download
File Size   146.46 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT23 60V NPN SILICON PLANAR

FMMT493A Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMT493A Datasheet PDF - Diodes Incorporated

Part # FMMT493A
Download  FMMT493A Click to download

File Size   146.46 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT23 60V NPN SILICON PLANAR

FMMT493A Datasheet (HTML) - Diodes Incorporated


FMMT493A Product details

Feature
• BVCEO > 60V
• IC = 1A Continuous Collector Current
• VCESAT = 0.5V @1A
• 500mW Power Dissipation
• Low Saturation Voltage
• High hFE Min 300@250mA
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
   
Applications
• Various Driving Functions Including Motors, Actuators, Solenoid
    and Relays
• Backlight Inverters
• DC-DC Modules
   




Similar Part No. - FMMT493A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT493A ZETEX-FMMT493A Datasheet
163Kb / 6P
60V NPN SILICON PLANAR MEDIUM POWER PLANAR TRANSISTOR
logo
Diodes Incorporated
FMMT493A DIODES-FMMT493A Datasheet
457Kb / 7P
120V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
Rev 3
logo
Zetex Semiconductors
FMMT493ATA ZETEX-FMMT493ATA Datasheet
163Kb / 6P
60V NPN SILICON PLANAR MEDIUM POWER PLANAR TRANSISTOR
logo
Diodes Incorporated
FMMT493ATA DIODES-FMMT493ATA Datasheet
457Kb / 7P
120V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
Rev 3
logo
Zetex Semiconductors
FMMT493ATC ZETEX-FMMT493ATC Datasheet
163Kb / 6P
60V NPN SILICON PLANAR MEDIUM POWER PLANAR TRANSISTOR
More results


Similar Description - FMMT493A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FMMT2222 ETC-FMMT2222 Datasheet
42Kb / 2P
SOT23 NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
Zetex Semiconductors
FMMT3903 ZETEX-FMMT3903 Datasheet
46Kb / 2P
SOT23 NPN SILICON PLANAR SWITCHING TRANSISTORS
BC849A ZETEX-BC849A Datasheet
52Kb / 3P
SOT23 NPN SILICON PLANAR
FMMT2222 ZETEX-FMMT2222 Datasheet
45Kb / 2P
SOT23 NPN SILICON PLANAR SWITCHING TRANSISTORS
FMMT4123 ZETEX-FMMT4123 Datasheet
30Kb / 1P
SOT23 NPN SILICON PLANAR SWITCHING TRANSISTOR
logo
Diodes Incorporated
FMMT413 DIODES-FMMT413 Datasheet
151Kb / 6P
SOT23 NPN silicon planar avalanche transistor
March 2006
FMMT495 DIODES-FMMT495 Datasheet
127Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM
NOVEMBER 1995
FMMT6517 DIODES-FMMT6517 Datasheet
60Kb / 1P
SOT23 NPN SILICON PLANAR
NOVEMBER 1995
FMMT493A DIODES-FMMT493A_15 Datasheet
146Kb / 6P
SOT23 60V NPN SILICON PLANAR MEDIUM POWER PLANAR TRANSISTOR
AUGUST 2003
logo
Zetex Semiconductors
BCV47 ZETEX-BCV47 Datasheet
253Kb / 1P
SOT23 NPN SILICON PLANAR DARLINGTON TRANSISTORS
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com