Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4150 Datasheet (PDF) - Pan Jit International Inc.

LL4150 Datasheet PDF - Pan Jit International Inc.
Part # LL4150
Download  LL4150 Download
File Size   85.48 Kbytes
Page   3 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description FAST SWITCHING SURFACE MOUNT DIODES

LL4150 Datasheet (PDF)

Go To PDF Page Download Datasheet
LL4150 Datasheet PDF - Pan Jit International Inc.

Part # LL4150
Download  LL4150 Click to download

File Size   85.48 Kbytes
Page   3 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description FAST SWITCHING SURFACE MOUNT DIODES

LL4150 Datasheet (HTML) - Pan Jit International Inc.


LL4150 Product details

VOLTAGE 50 Volts POWER 500 mWatts

FEATURES
• Fast switching Speed.
• Surface Mount Package Ideally Suited For Automatic Insertion.
• Silicon Epitaxal Planar Construction.
• In compliance with EU RoHS 2002/95/EC directives

MECHANICAL DATA
• Case: Mini Melf, Glass
• Terminals: Solderable per MIL-STD-750, Method 2026
• Polarity: Cathode Band
• Marking: Cathode Band Only
• Weight: 0.03 grams
• Packing information
    T/R - 2.5K per 7" plastic reel
    T/R - 10K per 13” plastic reel




Similar Part No. - LL4150

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LL4150 VISHAY-LL4150 Datasheet
94Kb / 5P
Silicon Epitaxial Planar Diodes
06-Apr-04
logo
Diodes Incorporated
LL4150 DIODES-LL4150 Datasheet
50Kb / 1P
SURFACE MOUNT FAST SWITCHING DIODE
DS30069 Rev. C-2
logo
Formosa MS
LL4150 FORMOSA-LL4150 Datasheet
63Kb / 2P
High-speed switching diode
logo
General Semiconductor
LL4150 GE-LL4150 Datasheet
29Kb / 1P
Small Signal Diodes
logo
Microsemi Corporation
LL4150 MICROSEMI-LL4150 Datasheet
66Kb / 1P
MINI-MELF-SMD Silicon Diode
More results


Similar Description - LL4150

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
LL4148 PANJIT-LL4148_09 Datasheet
89Kb / 3P
FAST SWITCHING SURFACE MOUNT DIODES
LS4150 PANJIT-LS4150 Datasheet
90Kb / 3P
FAST SWITCHING SURFACE MOUNT DIODES
logo
Shenzhen Luguang Electr...
BAV99DW LUGUANG-BAV99DW Datasheet
312Kb / 2P
Surface Mount Fast Switching Diodes
logo
Diode Semiconductor Kor...
BAS16TW DSK-BAS16TW Datasheet
257Kb / 3P
Surface Mount Fast Switching Diodes
BAV70DW DSK-BAV70DW Datasheet
230Kb / 3P
Surface Mount Fast Switching Diodes
BAV99S DSK-BAV99S Datasheet
233Kb / 3P
Surface Mount Fast Switching Diodes
logo
Galaxy Semi-Conductor H...
BAV99S BILIN-BAV99S Datasheet
163Kb / 3P
Surface Mount Fast Switching Diodes
BAV99BRW BILIN-BAV99BRW_17 Datasheet
119Kb / 3P
Surface Mount Fast Switching Diodes
Rev.A
BAV99S BILIN-BAV99S_17 Datasheet
121Kb / 3P
Surface Mount Fast Switching Diodes
Rev.A
BAW56DW BILIN-BAW56DW_17 Datasheet
116Kb / 3P
Surface Mount Fast Switching Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com