Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB120 Datasheet (PDF) - Pan Jit International Inc.

MB120 Datasheet PDF - Pan Jit International Inc.
Part # MB120
Download  MB120 Download
File Size   123.8 Kbytes
Page   3 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

MB120 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB120 Datasheet PDF - Pan Jit International Inc.

Part # MB120
Download  MB120 Click to download

File Size   123.8 Kbytes
Page   3 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

MB120 Datasheet (HTML) - Pan Jit International Inc.


MB120 Product details

SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
VOLTAGE 40 to 200 Volts CURRENT 1.0 Ampere

FEATURES
• Plastic package has Underwriters Laboratory
  Flammability Classification 94V-O
• For surface mounted applications
• Low profile package
• Built-in strain relief
• Metal to silicon rectifier. majority carrier conduction
• Low power loss,high efficiency
• High surge capacity
• High current capacity ,low VF
• For use in low voltage high frequency inverters, free wheeling, and polarity protection applications.
• In compliance with EU RoHS 2002/95/EC directives




Similar Part No. - MB120

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
MB120 ZSELEC-MB120 Datasheet
108Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SeCoS Halbleitertechnol...
MB1200F-C SECOS-MB1200F-C Datasheet
298Kb / 2P
1Amp Surface Mount Bridge Rectifiers
logo
Microdc power Technolog...
MB1205XD-3W MICRODC-MB1205XD-3W Datasheet
973Kb / 2P
1000VDC Isolated 3WDual&single output DIP24 Converters
logo
DENSEI-LAMBDA
MB1206 LAMBDA-MB1206 Datasheet
256Kb / 4P
Band wide:150kHz ~ 30MHz, 2 stage filter
logo
Zibo Seno Electronic En...
MB120A ZSELEC-MB120A Datasheet
108Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Similar Description - MB120

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com