Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR1040 Datasheet (PDF) - Pan Jit International Inc.

MBR1040 Datasheet PDF - Pan Jit International Inc.
Part # MBR1040
Download  MBR1040 Download
File Size   85.94 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 10 AMPERES SCHOTTKY BARRIER RECTIFIERS

MBR1040 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR1040 Datasheet PDF - Pan Jit International Inc.

Part # MBR1040
Download  MBR1040 Click to download

File Size   85.94 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 10 AMPERES SCHOTTKY BARRIER RECTIFIERS

MBR1040 Datasheet (HTML) - Pan Jit International Inc.


MBR1040 Product details

VOLTAGE 40 to 200 Volt CURRENT 10 Ampere

FEATURES
• Plastic package has Underwriters Laboratory
   Flammability Classification 94V-O.
   Flame Retardant Epoxy Molding Compound.
• Low power loss, high efficiency.
• High current capability
• For use in low voltage, high frequency inverters
   free wheeling, and polarlity protection applications.
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)

MECHANICAL DATA
• Case: TO-220AC molded plastic
• Terminals: solder plated, solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Weight: 0.067 ounces, 1.89 grams.




Similar Part No. - MBR1040

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR1040 DIODES-MBR1040 Datasheet
56Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
DS23009 Rev. G-2
logo
Micro Commercial Compon...
MBR1040 MCC-MBR1040 Datasheet
141Kb / 2P
10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Diodes Incorporated
MBR1040 DIODES-MBR1040 Datasheet
75Kb / 3P
10A SCHOTTKY BARRIER RECTIFIER
DS23009 Rev. 9 - 2
logo
Pan Jit International I...
MBR1040 PANJIT-MBR1040 Datasheet
425Kb / 2P
10 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
MBR1040 BILIN-MBR1040 Datasheet
210Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - MBR1040

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MBR1020 PANJIT-MBR1020 Datasheet
425Kb / 2P
10 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR1020CT PANJIT-MBR1020CT Datasheet
430Kb / 2P
10 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR1040CT PANJIT-MBR1040CT Datasheet
89Kb / 2P
10 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR1040F PANJIT-MBR1040F Datasheet
96Kb / 2P
10 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
MBR1040CTD DYELEC-MBR1040CTD Datasheet
722Kb / 3P
10 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBRF1040 DYELEC-MBRF1040 Datasheet
924Kb / 3P
10 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBRF1040CTD DYELEC-MBRF1040CTD Datasheet
639Kb / 3P
10 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
MBR1040 PANJIT-MBR1040_16 Datasheet
317Kb / 5P
10 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR1040CT PANJIT-MBR1040CT_17 Datasheet
180Kb / 4P
10 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR1040F PANJIT-MBR1040F_16 Datasheet
284Kb / 3P
10 AMPERES SCHOTTKY BARRIER RECTIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com