Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT614 Datasheet (PDF) - Diodes Incorporated

FMMT614 Datasheet PDF - Diodes Incorporated
Part # FMMT614
Download  FMMT614 Download
File Size   133.93 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT23 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR

FMMT614 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMT614 Datasheet PDF - Diodes Incorporated

Part # FMMT614
Download  FMMT614 Click to download

File Size   133.93 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT23 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR

FMMT614 Datasheet (HTML) - Diodes Incorporated


FMMT614 Product details

Features
• BVCEO > 100V
• IC = 0.5A High Continuous Collector Current
• ICM = 2A Peak Pulse Current
• 500mW Power Dissipation
• Darlington Transistor with High hFE up to 5k at IC = 0.5A
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• An Automotive-Compliant Part is Available Under Separate Datasheet (FMMT614Q)




Similar Part No. - FMMT614

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT614 ZETEX-FMMT614 Datasheet
148Kb / 2P
NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
logo
Guangdong Kexin Industr...
FMMT614 KEXIN-FMMT614 Datasheet
36Kb / 2P
Power Darlington Transistor
logo
Fairchild Semiconductor
FMMT614 FAIRCHILD-FMMT614 Datasheet
133Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
logo
List of Unclassifed Man...
FMMT614TA ETC2-FMMT614TA Datasheet
133Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
logo
Fairchild Semiconductor
FMMT614TC FAIRCHILD-FMMT614TC Datasheet
133Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
More results


Similar Description - FMMT614

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT38A DIODES-FMMT38A Datasheet
78Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
AUGUST 1996
FMMT489 DIODES-FMMT489 Datasheet
54Kb / 1P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
OCTOBER 1995
FMMT491A DIODES-FMMT491A Datasheet
136Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
OCTOBER 1995
FMMT493 DIODES-FMMT493 Datasheet
144Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
NOVEMBER 1995
FMMT489TA DIODES-FMMT489TA Datasheet
54Kb / 1P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
OCTOBER 1995
logo
Fairchild Semiconductor
FMMT38CTA FAIRCHILD-FMMT38CTA Datasheet
78Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
FMMT614TC FAIRCHILD-FMMT614TC Datasheet
133Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
logo
List of Unclassifed Man...
FMMT614TA ETC2-FMMT614TA Datasheet
133Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
logo
Diodes Incorporated
BCX41 DIODES-BCX41_15 Datasheet
49Kb / 1P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
OCTOBER 1995
FMMT449 DIODES-FMMT449_15 Datasheet
115Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
NOVEMBER 1995
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com