Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT2907AW Datasheet (PDF) - Pan Jit International Inc.

MMBT2907AW Datasheet PDF - Pan Jit International Inc.
Part # MMBT2907AW
Download  MMBT2907AW Download
File Size   159.67 Kbytes
Page   5 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description PNP GENERAL PURPOSE SWITCHING TRANSISTOR

MMBT2907AW Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBT2907AW Datasheet PDF - Pan Jit International Inc.

Part # MMBT2907AW
Download  MMBT2907AW Click to download

File Size   159.67 Kbytes
Page   5 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description PNP GENERAL PURPOSE SWITCHING TRANSISTOR

MMBT2907AW Datasheet (HTML) - Pan Jit International Inc.


MMBT2907AW Product details

VOLTAGE 60 Volts POWER 225 mW



FEATURES

• PNP epitaxial silicon, planar design

• Collector-emitter voltage VCE = -60V

• Collector current IC = -600mA

• In compliance with EU RoHS 2002/95/EC directives and with Halogen Free



 




Similar Part No. - MMBT2907AW

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MMBT2907AW WEITRON-MMBT2907AW Datasheet
294Kb / 6P
PNP General Purpose Transistors
logo
Guangdong Kexin Industr...
MMBT2907AW KEXIN-MMBT2907AW Datasheet
51Kb / 2P
General Purpose Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT2907AW SEMTECH_ELEC-MMBT2907AW Datasheet
300Kb / 5P
PNP Silicon Epitaxial Planar Medium Power Transistor
logo
SeCoS Halbleitertechnol...
MMBT2907AW SECOS-MMBT2907AW Datasheet
917Kb / 3P
PNP Silicon General Purpose Transistor
logo
Foshan Blue Rocket Elec...
MMBT2907AW FOSHAN-MMBT2907AW Datasheet
1Mb / 6P
Silicon PNP transistor in a SOT-323 Plastic Package
More results


Similar Description - MMBT2907AW

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
2N3906 PANJIT-2N3906 Datasheet
157Kb / 4P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT2907A PANJIT-MMBT2907A Datasheet
874Kb / 5P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906W PANJIT-MMBT3906W Datasheet
115Kb / 4P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906 PANJIT-MMBT3906_08 Datasheet
164Kb / 4P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906W PANJIT-MMBT3906W_10 Datasheet
128Kb / 4P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT4403W PANJIT-MMBT4403W_09 Datasheet
273Kb / 4P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906-AU PANJIT-MMBT3906-AU Datasheet
312Kb / 6P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
2SB2907 PANJIT-2SB2907 Datasheet
716Kb / 7P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
logo
Diotech Company.
MMBT3906 DIOTECH-MMBT3906 Datasheet
2Mb / 5P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
logo
Pan Jit International I...
MMBT3906TB PANJIT-MMBT3906TB Datasheet
479Kb / 5P
PNP General Purpose Switching Transistor
August 10,2022 MMBT3906TB-REV.01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com