Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1924 Datasheet (PDF) - Sanyo Semicon Device

LB1924 Datasheet PDF - Sanyo Semicon Device
Part # LB1924
Download  LB1924 Download
File Size   133.49 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Power Brushless Motor Driver IC for Office Automation Equipment

LB1924 Datasheet (PDF)

Go To PDF Page Download Datasheet
LB1924 Datasheet PDF - Sanyo Semicon Device

Part # LB1924
Download  LB1924 Click to download

File Size   133.49 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Power Brushless Motor Driver IC for Office Automation Equipment

LB1924 Datasheet (HTML) - Sanyo Semicon Device


LB1924 Product details

Overview
The LB1924 is a direct PWM drive output driver IC appropriate for the power brushless motors used in office automation equipment. It includes a speed control circuit, an FG amplifier, and other peripheral circuits and allows a drive circuit to be implemented with a single IC. It allows the number of external components to be reduced by including a lock protection circuit, a kickback absorption diode for the lower output side, and other components on chip.

Functions
• Breakdown voltage: 30 V, output current: 3.1 A
• Direct PWM drive output
• Speed discriminator + PLL speed control technique
• Crystal oscillator circuit
• Built-in FG and integrating amplifiers
• Forward/reverse switching circuit
• Speed lock detection output
• On-chip lower output side kickback absorption diode
• Full complement of built-in protection circuits, including lock protection, current limiter, and thermal protection circuits




Similar Part No. - LB1924

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1920 SANYO-LB1920 Datasheet
289Kb / 10P
Three-Phase Brushless Motor Driver for Office Automation Applications
LB1921 SANYO-LB1921 Datasheet
138Kb / 10P
Three-Phase Brushless Motor Driver for OA Applications
LB1922 SANYO-LB1922 Datasheet
123Kb / 10P
Three-Phase Brushless Motor Driver for Office Automation Applications
LB1923M SANYO-LB1923M Datasheet
110Kb / 17P
Power Brushless Motor Pre-Driver IC for OA Equipment
LB1927 SANYO-LB1927 Datasheet
275Kb / 11P
For Office Automation Equipment 3-phase Brushless Motor Driver
More results


Similar Description - LB1924

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1820 SANYO-LB1820 Datasheet
77Kb / 7P
Office Automation-Use 3-Phase Brushless Motor Driver
LB1821M SANYO-LB1821M Datasheet
223Kb / 16P
Power Brushless Motor Pre-Driver IC for OA Equipment
LB1920 SANYO-LB1920 Datasheet
289Kb / 10P
Three-Phase Brushless Motor Driver for Office Automation Applications
LB1922 SANYO-LB1922 Datasheet
123Kb / 10P
Three-Phase Brushless Motor Driver for Office Automation Applications
LB1923M SANYO-LB1923M Datasheet
110Kb / 17P
Power Brushless Motor Pre-Driver IC for OA Equipment
LB11920 SANYO-LB11920 Datasheet
103Kb / 10P
Three-Phase Brushless Motor Driver for Office Equipment Applications
LB1928 SANYO-LB1928 Datasheet
112Kb / 11P
Three-Phase Brushless Motor Driver for Office Automation Equipment
LB1927 SANYO-LB1927 Datasheet
275Kb / 11P
For Office Automation Equipment 3-phase Brushless Motor Driver
LB1928 SANYO-LB1928_08 Datasheet
275Kb / 11P
For Office Automation Equipment 3-phase Brushless Motor Driver
LB1929 SANYO-LB1929_08 Datasheet
275Kb / 11P
For Office Automation Equipment 3-phase Brushless Motor Driver
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com