Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT717 Datasheet (PDF) - Diodes Incorporated

FMMT717 Datasheet PDF - Diodes Incorporated
Part # FMMT717
Download  FMMT717 Download
File Size   440.66 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT23 PNP SILICON POWER (SWITCHING) TRANSISTORS

FMMT717 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMT717 Datasheet PDF - Diodes Incorporated

Part # FMMT717
Download  FMMT717 Click to download

File Size   440.66 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT23 PNP SILICON POWER (SWITCHING) TRANSISTORS

FMMT717 Datasheet (HTML) - Diodes Incorporated


FMMT717 Product details

Features
• BVCEO > -12V
• IC = -2.5A Continuous Collector Current
• ICM = -10A Peak Pulse Current
• Low Saturation Voltage E.g. -17mV Max @ IC = -100mA.
• RCE(sat) = 72mΩ at 2.5A for a low equivalent on-resistance
• 625mW power dissipation
• hFE characterised up to -10A for high current gain hold-up
• Complementary NPN Type: FMMT617
• Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• PPAP capable (Note 4)

Application
• Gate Driving MOSFETs and IGBTs
• Load switch
• Battery charging
• DC-DC conversion




Similar Part No. - FMMT717

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT717 ZETEX-FMMT717 Datasheet
355Kb / 4P
SILICON POWER (SWITCHING) TRANSISTORS
logo
Guangdong Kexin Industr...
FMMT717 KEXIN-FMMT717 Datasheet
37Kb / 2P
Switching Transistor
logo
Diodes Incorporated
FMMT717 DIODES-FMMT717 Datasheet
367Kb / 4P
SOT23 PNP SILICON POWER (SWITCHING) TRANSISTORS
JUNE 1996
logo
Dongguan Pingjingsemi T...
FMMT717 PJSEMI-FMMT717 Datasheet
755Kb / 4P
PNP Transistor
logo
Diodes Incorporated
FMMT717QTA DIODES-FMMT717QTA Datasheet
294Kb / 7P
12V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 5
More results


Similar Description - FMMT717

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT3906 ZETEX-FMMT3906 Datasheet
174Kb / 2P
SOT23 PNP SILICON PLANAR SWITCHING TRANSISTORS
logo
List of Unclassifed Man...
BSS69 ETC-BSS69 Datasheet
34Kb / 1P
SOT23 PNP SILICON PLANAR MEDIUM POWER SWITCHING TRANSISTORS
logo
Zetex Semiconductors
BSS69 ZETEX-BSS69 Datasheet
37Kb / 1P
SOT23 PNP SILICON PLANAR MEDIUM POWER SWITCHING TRANSISTORS
BSS80B ZETEX-BSS80B Datasheet
29Kb / 1P
SOT23 PNP SILICON PLANAR SWITCHING TRANSISTORS
BSS82B ZETEX-BSS82B Datasheet
30Kb / 1P
SOT23 PNP SILICON PLANAR SWITCHING TRANSISTORS
logo
Diodes Incorporated
FMMT549 DIODES-FMMT549 Datasheet
131Kb / 2P
SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
OCTOBER 1995
FMMT718 DIODES-FMMT718 Datasheet
183Kb / 7P
SOT23 PNP SILICON POWER (SWITCHING) TRANSISTOR
DS31924 Rev. 2 - 2
FMMTA56 DIODES-FMMTA56 Datasheet
47Kb / 1P
SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
MARCH 2001
FMMT3905 DIODES-FMMT3905 Datasheet
179Kb / 2P
SOT23 PNP SILICON PLANAR SWITCHING TRANSISTORS
MARCH 2000
FMMT723TA DIODES-FMMT723TA Datasheet
367Kb / 4P
SOT23 PNP SILICON POWER (SWITCHING) TRANSISTORS
JUNE 1996
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com