Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZT591A Datasheet (PDF) - Diodes Incorporated

FZT591A Datasheet PDF - Diodes Incorporated
Part # FZT591A
Download  FZT591A Download
File Size   1066.31 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT223 PNP SILICON PLANAR

FZT591A Datasheet (PDF)

Go To PDF Page Download Datasheet
FZT591A Datasheet PDF - Diodes Incorporated

Part # FZT591A
Download  FZT591A Click to download

File Size   1066.31 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT223 PNP SILICON PLANAR

FZT591A Datasheet (HTML) - Diodes Incorporated


FZT591A Product details

Features
• BVCEO > -40V
• IC = -1A High Continuous Current
• Low Saturation Voltage VCE(sat) < -500mV @ -1A
• Complementary PNP Type: FZT591A
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• PPAP Capable (Note 4)

Applications
• Power MOSFET & IGBT Gate Driving
• Low Loss Power Switching




Similar Part No. - FZT591A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT591A ZETEX-FZT591A Datasheet
415Kb / 2P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Guangdong Kexin Industr...
FZT591A KEXIN-FZT591A Datasheet
60Kb / 1P
PNP Silicon Planar Medium Power Transistor
logo
Diodes Incorporated
FZT591A DIODES-FZT591A_15 Datasheet
520Kb / 7P
40V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 3
More results


Similar Description - FZT591A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FZT2907 ETC-FZT2907 Datasheet
39Kb / 2P
SOT223 PNP SILICON PLANAR SWITCHING TRANSISTOR
logo
Diodes Incorporated
FZT788B DIODES-FZT788B Datasheet
93Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM
ISSUE 3 - OCTOBER 1995
FZT790A DIODES-FZT790A Datasheet
94Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM
ISSUE 3 - OCTOBER 1995
FZT792A DIODES-FZT792A Datasheet
88Kb / 3P
SOT223 PNP SILICON PLANAR HIGH GAIN
ISSUE 3 - NOVEMBER 1995
FZT795A DIODES-FZT795A Datasheet
97Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM
ISSUE 3 - OCTOBER 1995
FZT796A DIODES-FZT796A Datasheet
90Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM
OCTOBER 1995
FZT951 DIODES-FZT951 Datasheet
110Kb / 5P
SOT223 PNP SILICON PLANAR HIGH CURRENT
APRIL 2000
FZT948 DIODES-FZT948 Datasheet
227Kb / 5P
SOT223 PNP SILICON PLANAR HIGH CURRENT
NOVEMBER 1995
FZT955 DIODES-FZT955 Datasheet
235Kb / 5P
SOT223 PNP SILICON PLANAR HIGH CURRENT
MARCH 2005
FZT957 DIODES-FZT957 Datasheet
114Kb / 5P
SOT223 PNP SILICON PLANAR HIGH CURRENT
JANUARY 1996
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com