Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1966M Datasheet (PDF) - Sanyo Semicon Device

LB1966M Datasheet PDF - Sanyo Semicon Device
Part # LB1966M
Download  LB1966M Download
File Size   32.55 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Fan Motor 2-Phase Half-Wave Driver

LB1966M Datasheet (PDF)

Go To PDF Page Download Datasheet
LB1966M Datasheet PDF - Sanyo Semicon Device

Part # LB1966M
Download  LB1966M Click to download

File Size   32.55 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Fan Motor 2-Phase Half-Wave Driver

LB1966M Datasheet (HTML) - Sanyo Semicon Device


LB1966M Product details

Features
• Dual power supply voltage design (5/12V) and wide voltage handling range
• Built-in Hall amplifier with hysteresis (supports core without commutating pole)
• Built-in lockup protection and automatic recovery circuits (External capacitor for rotation detection need only be 0.1 µF, allowing compact, cost-saving design)
• Built-in latch-type RD (restraint protection) output (Vosat = 0.2Vtyp at Io = 5 mA)
• Built-in output transistor with output withstand voltage 24Vmin/output current 500 mA (average), 1.2A (peak)
• Built-in thermal protection circuit
• Compact, high-temperature resistant MFP-10 package reduces external parts count and mounting space, therefore making this IC support the motors with a wide range of sizes and speeds.




Similar Part No. - LB1966M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1960M SANYO-LB1960M Datasheet
34Kb / 4P
Fan Motor 2-Phase Half-Wave Driver
LB1960M SANYO-LB1960M Datasheet
69Kb / 4P
For Fan Motor 2-phase Half-Wave Driver
LB1960MC SANYO-LB1960MC Datasheet
162Kb / 4P
2-phase Half-Wave Driver
logo
ON Semiconductor
LB1960MC ONSEMI-LB1960MC Datasheet
135Kb / 4P
2-phase Half-Wave Driver
May, 2013
logo
Sanyo Semicon Device
LB1960MC-AH SANYO-LB1960MC-AH Datasheet
162Kb / 4P
2-phase Half-Wave Driver
More results


Similar Description - LB1966M

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6817F ROHM-BA6817F Datasheet
231Kb / 6P
2-Phase Half-Wave Pre Driver for Fan Motor
logo
Sanyo Semicon Device
LB1960M SANYO-LB1960M Datasheet
34Kb / 4P
Fan Motor 2-Phase Half-Wave Driver
LB1967M SANYO-LB1967M Datasheet
35Kb / 4P
Fan Motor 2-Phase Half-Wave Driver
logo
Rohm
BA6901F ROHM-BA6901F Datasheet
127Kb / 10P
2-Phase half-wave motor pre driver for fan motor
BA6813F ROHM-BA6813F Datasheet
234Kb / 6P
2-Phase Half-Wave Motor Driver for Fan Motor
BA6818FS ROHM-BA6818FS Datasheet
237Kb / 6P
2-Phase Half-Wave Pre Driver for Fan Motor
BD6701F ROHM-BD6701F Datasheet
225Kb / 5P
2-Phase Half-Wave Motor Driver for Fan Motor
BD6706FV ROHM-BD6706FV Datasheet
243Kb / 6P
2-Phase Half-Wave Motor Driver for Fan Motor
BD6712AF ROHM-BD6712AF Datasheet
229Kb / 6P
2-Phase Half-Wave Pre Driver for Fan Motor
logo
Sanyo Semicon Device
LB1960M SANYO-LB1960M_08 Datasheet
69Kb / 4P
For Fan Motor 2-phase Half-Wave Driver
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com