Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZT689B Datasheet (PDF) - Diodes Incorporated

FZT689B Datasheet PDF - Diodes Incorporated
Part # FZT689B
Download  FZT689B Download
File Size   115.46 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT223 NPN SILICON PLANAR MEDIUM

FZT689B Datasheet (PDF)

Go To PDF Page Download Datasheet
FZT689B Datasheet PDF - Diodes Incorporated

Part # FZT689B
Download  FZT689B Click to download

File Size   115.46 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT223 NPN SILICON PLANAR MEDIUM

FZT689B Datasheet (HTML) - Diodes Incorporated


FZT689B Product details

Features
• BVCEO > 20V
• BVCBO > 20V
• IC = 3.0A High Continuous Current
• hFE > 400 @ 2A and Low Saturation Voltage
• Extremely Low Equivalent On-Resistance; RCE(SAT) 92mΩ at 3A
• Complementary PNP Type: FZT789B
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• Darlington Replacement
• Flash Gun Convertors and Battery Powered Circuits




Similar Part No. - FZT689B

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT689B ZETEX-FZT689B Datasheet
103Kb / 2P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Fairchild Semiconductor
FZT689B FAIRCHILD-FZT689B Datasheet
115Kb / 2P
SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
FZT689BTA FAIRCHILD-FZT689BTA Datasheet
115Kb / 2P
SOT223 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Diodes Incorporated
FZT689B DIODES-FZT689B_15 Datasheet
684Kb / 7P
20V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
Rev 4
More results


Similar Description - FZT689B

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT491A ZETEX-FZT491A Datasheet
22Kb / 1P
SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BSP40 ZETEX-BSP40 Datasheet
47Kb / 1P
SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
BSP41 ZETEX-BSP41 Datasheet
47Kb / 1P
SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
FZT489 DIODES-FZT489 Datasheet
52Kb / 1P
SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
NOVEMBER 1995
FZT491 DIODES-FZT491 Datasheet
52Kb / 1P
SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
OCTOBER 1995
FZT491A DIODES-FZT491A Datasheet
28Kb / 1P
SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FEBRUARY 1999
FZT493 DIODES-FZT493 Datasheet
52Kb / 1P
SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
NOVEMBER 1995
FZT605 DIODES-FZT605 Datasheet
85Kb / 2P
SOT223 NPN SILICON PLANAR MEDIUM
MARCH 2001
FZT694B DIODES-FZT694B Datasheet
111Kb / 2P
SOT223 NPN SILICON PLANAR MEDIUM
OCTOBER 1995
logo
List of Unclassifed Man...
FZT657TA ETC2-FZT657TA Datasheet
100Kb / 2P
SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com