Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZT717 Datasheet (PDF) - Diodes Incorporated

FZT717 Datasheet PDF - Diodes Incorporated
Part # FZT717
Download  FZT717 Download
File Size   360.48 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT223 PNP medium power transistor

FZT717 Datasheet (PDF)

Go To PDF Page Download Datasheet
FZT717 Datasheet PDF - Diodes Incorporated

Part # FZT717
Download  FZT717 Click to download

File Size   360.48 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT223 PNP medium power transistor

FZT717 Datasheet (HTML) - Diodes Incorporated


FZT717 Product details

Features
• BVCEO > -12V
• IC = -3A Continuous Current
• ICM = -10A Peak Pulse Current
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - FZT717

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT717 ZETEX-FZT717 Datasheet
351Kb / 6P
SOT223 PNP medium power transistor
FZT717TA ZETEX-FZT717TA Datasheet
351Kb / 6P
SOT223 PNP medium power transistor
logo
Diodes Incorporated
FZT717 DIODES-FZT717_15 Datasheet
693Kb / 7P
12V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 3
More results


Similar Description - FZT717

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT717 ZETEX-FZT717 Datasheet
351Kb / 6P
SOT223 PNP medium power transistor
FZT755 ZETEX-FZT755_05 Datasheet
40Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
FZT755 DIODES-FZT755 Datasheet
47Kb / 2P
SOT223 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
ISSUE 5 MARCH 2005
ZX5T1951GTA DIODES-ZX5T1951GTA Datasheet
215Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 4
FZT549 DIODES-FZT549_15 Datasheet
523Kb / 7P
30V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 3
FZT591 DIODES-FZT591_15 Datasheet
462Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 5
FZT593 DIODES-FZT593_15 Datasheet
562Kb / 7P
100V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 4
FZT955 DIODES-FZT955_15 Datasheet
638Kb / 7P
140V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 5
FZT957 DIODES-FZT957_15 Datasheet
788Kb / 7P
300V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 6
ZXTP19060CG DIODES-ZXTP19060CG_15 Datasheet
836Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT223
Rev 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com