Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1975 Datasheet (PDF) - Sanyo Semicon Device

LB1975 Datasheet PDF - Sanyo Semicon Device
Part # LB1975
Download  LB1975 Download
File Size   91.79 Kbytes
Page   12 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description DC Fan Motor Driver

LB1975 Datasheet (PDF)

Go To PDF Page Download Datasheet
LB1975 Datasheet PDF - Sanyo Semicon Device

Part # LB1975
Download  LB1975 Click to download

File Size   91.79 Kbytes
Page   12 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description DC Fan Motor Driver

LB1975 Datasheet (HTML) - Sanyo Semicon Device


LB1975 Product details

Overview
The LB1975 is a 3-phase brushless motor driver IC suited for use in direct PWM driving of DC fan motors for air conditioners, water heaters, and other similar equipment. Since a shunt regulator circuit is built in, single power supply operation sharing the same power supply for the motor is supported.

Features
• Withstand voltage 46V, output current 2.5A
• Direct PWM drive output
• 3 built-in output top-side diodes
• Built-in current limiter
• Built-in FG output circuit




Similar Part No. - LB1975

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1975 SANYO-LB1975 Datasheet
141Kb / 10P
For Fan Motor 3-phase Brushless Motor Driver
logo
ON Semiconductor
LB1975 ONSEMI-LB1975 Datasheet
135Kb / 10P
3-phase Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1975 SANYO-LB1975_08 Datasheet
141Kb / 10P
For Fan Motor 3-phase Brushless Motor Driver
More results


Similar Description - LB1975

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8420AF TOSHIBA-TA8420AF Datasheet
442Kb / 11P
1 CHIP DC FAN MOTOR DRIVER
logo
Sanyo Semicon Device
LB1695M SANYO-LB1695M Datasheet
89Kb / 7P
DC Fan Motor Driver
LB1976 SANYO-LB1976 Datasheet
91Kb / 12P
DC Fan Motor Driver
logo
Hitachi Semiconductor
HA13460FP HITACHI-HA13460FP Datasheet
76Kb / 4P
BRUCHLESS DC FAN MOTOR DRIVER
logo
Unisonic Technologies
SK1288 UTC-SK1288 Datasheet
73Kb / 8P
2-PHASE DC-FAN MOTOR DRIVER
SK6908 UTC-SK6908 Datasheet
255Kb / 6P
SINGLE-PHASE DC-FAN MOTOR DRIVER
SK6908 UTC-SK6908_07 Datasheet
137Kb / 6P
SINGLE-PHASE DC-FAN MOTOR DRIVER
F6406 UTC-F6406_15 Datasheet
202Kb / 5P
2-PHASE DC-FAN MOTOR DRIVER
SK1288 UTC-SK1288_15 Datasheet
78Kb / 8P
2-PHASE DC-FAN MOTOR DRIVER
SK6908 UTC-SK6908_15 Datasheet
137Kb / 6P
SINGLE-PHASE DC-FAN MOTOR DRIVER
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com