Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8221ARM Datasheet (PDF) - Analog Devices

AD8221ARM Datasheet PDF - Analog Devices
Part # AD8221ARM
Download  AD8221ARM Download
File Size   708.98 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Instrumentation Amplifier

AD8221ARM Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8221ARM Datasheet PDF - Analog Devices

Part # AD8221ARM
Download  AD8221ARM Click to download

File Size   708.98 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Instrumentation Amplifier

AD8221ARM Datasheet (HTML) - Analog Devices


AD8221ARM Product details

GENERAL DESCRIPTION
The AD8221 is a gain programmable, high performance instrumentation amplifier that delivers the industry’s highest CMRR over frequency in its class. The CMRR of instrumentation amplifiers on the market today falls off at 200 Hz. In contrast, the AD8221 maintains a minimum CMRR of 80 dB to 10 kHz for all grades at G = 1. High CMRR over frequency allows the AD8221 to reject wideband interference and line harmonics, greatly simplifying filter requirements. Possible applications include precision data acquisition, biomedical analysis, and aerospace instrumentation.

FEATURES
   Easy to use
   Available in space-saving MSOP
   Gain set with 1 external resistor (gain range 1 to 1000)
   Wide power supply range: ±2.3 V to ±18 V
   Temperature range for specified performance:
      −40°C to +85°C
   Operational up to 125°C1
   Excellent AC specifications
      80 dB minimum CMRR to 10 kHz (G = 1)
      825 kHz, –3 dB bandwidth (G = 1)
      2 V/µs slew rate
   Low noise
      8 nV/√Hz, @ 1 kHz, maximum input voltage noise
      0.25 µV p-p input noise (0.1 Hz to 10 Hz)
   High accuracy dc performance (AD8221BR)
      90 dB minimum CMRR (G = 1)
      25 µV maximum input offset voltage
      0.3 µV/°C maximum input offset drift
      0.4 nA maximum input bias current

APPLICATIONS
   Weigh scales
   Industrial process controls
   Bridge amplifiers
   Precision data acquisition systems
   Medical instrumentation
   Strain gages
   Transducer interfaces




Similar Part No. - AD8221ARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8221ARM AD-AD8221ARM Datasheet
1Mb / 20P
Precision Instrumentation Amplifier
11/03-Data Sheet Changed from Rev. 0 to Rev. A
AD8221ARM AD-AD8221ARM Datasheet
512Kb / 24P
Precision Instrumentation Amplifier
REV. C
AD8221ARM AD-AD8221ARM Datasheet
668Kb / 25P
Precision Instrumentation Amplifier
REV. C
AD8221ARM AD-AD8221ARM Datasheet
603Kb / 24P
Precision Instrumentation Amplifier
Rev. C
AD8221ARM REEL7 AD-AD8221ARM REEL7 Datasheet
603Kb / 24P
Precision Instrumentation Amplifier
Rev. C
More results


Similar Description - AD8221ARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
Precision Instrumentation Amplifier
REV.C
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
Precision INSTRUMENTATION AMPLIFIER
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD524SE AD-AD524SE Datasheet
614Kb / 28P
Precision Instrumentation Amplifier
Rev. F
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD8221 AD-AD8221_15 Datasheet
512Kb / 24P
Precision Instrumentation Amplifier
REV. C
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD524 AD-AD524_16 Datasheet
519Kb / 29P
Precision Instrumentation Amplifier
Rev. F
AD624 AD-AD624_16 Datasheet
468Kb / 17P
Precision Instrumentation Amplifier
REV. C
AD8221 AD-AD8221_16 Datasheet
668Kb / 25P
Precision Instrumentation Amplifier
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com