Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8226ARZ Datasheet (PDF) - Analog Devices

AD8226ARZ Datasheet PDF - Analog Devices
Part # AD8226ARZ
Download  AD8226ARZ Download
File Size   685.49 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier

AD8226ARZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8226ARZ Datasheet PDF - Analog Devices

Part # AD8226ARZ
Download  AD8226ARZ Click to download

File Size   685.49 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier

AD8226ARZ Datasheet (HTML) - Analog Devices


AD8226ARZ Product details

GENERAL DESCRIPTION
The AD8226 is a low cost, wide supply range instrumentation amplifier that requires only one external resistor to set any gain between 1 and 1000.
   
FEATURES
    Gain set with 1 external resistor
    Gain range: 1 to 1000
    Input voltage goes below ground
    Inputs protected beyond supplies
    Very wide power supply range
        Single supply: 2.2 V to 36 V
        Dual supplies: ±1.35 V to ±18 V
    Bandwidth (G = 1): 1.5 MHz
    CMRR (G = 1): 90 dB minimum for BR models
    Input noise: 22 nV/√Hz
    Typical supply current: 350 μA
    Specified temperature: −40°C to +125°C
    8-lead SOIC and MSOP packages
   
APPLICATIONS
    Industrial process controls
    Bridge amplifiers
    Medical instrumentation
    Portable data acquisition
    Multichannel systems
   




Similar Part No. - AD8226ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8226ARZ AD-AD8226ARZ Datasheet
547Kb / 16P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrA
AD8226ARZ AD-AD8226ARZ Datasheet
707Kb / 29P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. C
AD8226ARZ-R7 AD-AD8226ARZ-R7 Datasheet
547Kb / 16P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrA
AD8226ARZ-R7 AD-AD8226ARZ-R7 Datasheet
707Kb / 29P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. C
AD8226ARZ-RL AD-AD8226ARZ-RL Datasheet
547Kb / 16P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrA
More results


Similar Description - AD8226ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8226 AD-AD8226 Datasheet
547Kb / 16P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrA
AD8227 AD-AD8227 Datasheet
657Kb / 24P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. 0
AD8420 AD-AD8420 Datasheet
256Kb / 10P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8426 AD-AD8426 Datasheet
284Kb / 20P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
logo
Texas Instruments
INA827 TI1-INA827 Datasheet
875Kb / 29P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier with a Minimum Gain of 5
INA827 TI1-INA827_13 Datasheet
1Mb / 30P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
logo
Analog Devices
AD8226 AD-AD8226_16 Datasheet
707Kb / 29P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. C
AD8227 AD-AD8227_16 Datasheet
539Kb / 25P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. 0
AD8420 AD-AD8420_16 Datasheet
553Kb / 27P
Wide Supply Range, Micropower, Rail-to-Rail Instrumentation Amplifier
REV. A
AD8426 AD-AD8426_16 Datasheet
625Kb / 29P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com