Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD623 Datasheet (PDF) - Analog Devices

AD623 Datasheet PDF - Analog Devices
Part # AD623
Download  AD623 Download
File Size   1435.48 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier

AD623 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD623 Datasheet PDF - Analog Devices

Part # AD623
Download  AD623 Click to download

File Size   1435.48 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier

AD623 Datasheet (HTML) - Analog Devices


AD623 Product details

GENERAL DESCRIPTION

The AD623 is an integrated single-supply instrumentation amplifier that delivers rail-to-rail output swing on a 3 V to 12 V supply. The AD623 offers superior user flexibility by allowing single gain set resistor programming and by conforming to the 8-lead industry standard pinout configuration. With no external

resistor, the AD623 is configured for unity gain (G = 1), and with an external resistor, the AD623 can be programmed for gains up to 1000.



FEATURES

Easy to use

Higher performance than discrete design

Single-supply and dual-supply operation

Rail-to-rail output swing

Input voltage range extends 150 mV below ground (single supply)

Low power, 550 μA maximum supply current

Gain set with one external resistor

   Gain range: 1 (no resistor) to 1000

High accuracy dc performance

  0.10% gain accuracy (G = 1)

  0.35% gain accuracy (G > 1)

  10 ppm maximum gain drift (G = 1)

  200 μV maximum input offset voltage (AD623A)

  2 μV/°C maximum input offset drift (AD623A)

  100 μV maximum input offset voltage (AD623B)

  1 μV/°C maximum input offset drift (AD623B)

  25 nA maximum input bias current

Noise: 35 nV/√Hz RTI noise @ 1 kHz (G = 1)

Excellent ac specifications

  90 dB minimum CMRR (G = 10); 70 dB minimum CMRR (G = 1) at 60 Hz, 1 kΩ source imbalance

  800 kHz bandwidth (G = 1)

  20 μs settling time to 0.01% (G = 10)



APPLICATIONS

Low power medical instrumentation

Transducer interfaces

Thermocouple amplifiers

Industrial process controls

Difference amplifiers

Low power data acquisition




Similar Part No. - AD623

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD623 AD-AD623 Datasheet
965Kb / 16P
Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV.C
AD623 AD-AD623 Datasheet
595Kb / 24P
Precision, Dual-Channel Instrumentation Amplifier
7/06-Revision 0
AD623 AD-AD623 Datasheet
378Kb / 20P
Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier
REV. 0
AD623 AD-AD623 Datasheet
529Kb / 28P
Wide Supply Range, Micropower,
REV. 0
AD623 AD-AD623 Datasheet
805Kb / 28P
Wide Supply Range, Rail-to-Rail
REV. 0
More results


Similar Description - AD623

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD623 AD-AD623 Datasheet
965Kb / 16P
Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV.C
AD627 AD-AD627 Datasheet
545Kb / 16P
Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV.A
logo
Burr-Brown (TI)
INA156 BURR-BROWN-INA156 Datasheet
114Kb / 10P
Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
INA155 BURR-BROWN-INA155 Datasheet
140Kb / 11P
Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8223 AD-AD8223 Datasheet
420Kb / 20P
Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
Rev. PrA
logo
Texas Instruments
INA155UG4 TI-INA155UG4 Datasheet
702Kb / 16P
Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD623 AD-AD623_15 Datasheet
1Mb / 24P
Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. D
logo
Texas Instruments
INA155 TI1-INA155 Datasheet
720Kb / 16P
Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
INA156 TI1-INA156 Datasheet
685Kb / 15P
Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD623 AD-AD623_16 Datasheet
1Mb / 27P
Single and Dual-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com