Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZT953 Datasheet (PDF) - Diodes Incorporated

FZT953 Datasheet PDF - Diodes Incorporated
Part # FZT953
Download  FZT953 Download
File Size   110.03 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT223 PNP SILICON PLANAR HIGH CURRENT

FZT953 Datasheet (PDF)

Go To PDF Page Download Datasheet
FZT953 Datasheet PDF - Diodes Incorporated

Part # FZT953
Download  FZT953 Click to download

File Size   110.03 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT223 PNP SILICON PLANAR HIGH CURRENT

FZT953 Datasheet (HTML) - Diodes Incorporated


FZT953 Product details

Features
• BVCEO > -60V
• IC = -5A High Continuous Collector Current
• ICM = -15A Peak Pulse Current
• Low Saturation Voltage VCE(SAT) < -140mV @ -1A
• RCE(SAT) = 55mΩ for a Low Equivalent On-Resistance
• hFE Specified up to -10A for a High Gain Hold-Up
• Complementary NPN Type: FZT851
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• PPAP Capable (Note 4)




Similar Part No. - FZT953

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT953 ZETEX-FZT953 Datasheet
124Kb / 5P
SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
Guangdong Kexin Industr...
FZT953 KEXIN-FZT953 Datasheet
38Kb / 2P
PNP Silicon Planar High Current Transistors
logo
Diodes Incorporated
FZT953 DIODES-FZT953 Datasheet
110Kb / 5P
SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
APRIL 2000
FZT953 DIODES-FZT953 Datasheet
533Kb / 7P
100V PNP MEDIUM POWER TRANSISTOR
Rev 5
FZT953QTA DIODES-FZT953QTA Datasheet
533Kb / 7P
100V PNP MEDIUM POWER TRANSISTOR
Rev 5
More results


Similar Description - FZT953

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT951 ZETEX-FZT951 Datasheet
124Kb / 5P
SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
FZT955 ZETEX-FZT955_05 Datasheet
228Kb / 5P
SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
Diodes Incorporated
FZT968 DIODES-FZT968 Datasheet
109Kb / 2P
SOT223 PNP SILICON PLANAR HIGH CURRENT
OCTOBER 1995
FZT948 DIODES-FZT948 Datasheet
227Kb / 5P
SOT223 PNP SILICON PLANAR HIGH CURRENT
NOVEMBER 1995
FZT955 DIODES-FZT955 Datasheet
235Kb / 5P
SOT223 PNP SILICON PLANAR HIGH CURRENT
MARCH 2005
FZT957 DIODES-FZT957 Datasheet
114Kb / 5P
SOT223 PNP SILICON PLANAR HIGH CURRENT
JANUARY 1996
FZT949TA DIODES-FZT949TA Datasheet
227Kb / 5P
SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
NOVEMBER 1995
FZT951TA DIODES-FZT951TA Datasheet
110Kb / 5P
SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
APRIL 2000
FZT955TA DIODES-FZT955TA Datasheet
235Kb / 5P
SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
MARCH 2005
logo
List of Unclassifed Man...
FZT957TA ETC-FZT957TA Datasheet
114Kb / 5P
SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com