Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJSD03LCFN2 Datasheet (PDF) - Pan Jit International Inc.

PJSD03LCFN2 Datasheet PDF - Pan Jit International Inc.
Part # PJSD03LCFN2
Download  PJSD03LCFN2 Download
File Size   64.75 Kbytes
Page   3 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description BI-DIRECTIONAL ESD PROTECTION DIODE

PJSD03LCFN2 Datasheet (PDF)

Go To PDF Page Download Datasheet
PJSD03LCFN2 Datasheet PDF - Pan Jit International Inc.

Part # PJSD03LCFN2
Download  PJSD03LCFN2 Click to download

File Size   64.75 Kbytes
Page   3 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description BI-DIRECTIONAL ESD PROTECTION DIODE

PJSD03LCFN2 Datasheet (HTML) - Pan Jit International Inc.


PJSD03LCFN2 Product details

This bi-directional TVS has been designed to protect sensitive equipment against ESD and to prevent Latch-Up events in CMOS circuitry operating at 3.3Vdc and below.This offers an integrated solution to protect a single data line where the board space is a premium.

SPECIFICATION FEATURES
• 40W Power Dissipation (8/20μs Waveform)
• Low Leakage Current, Maximum of 2.5μA@3.3Vdc
• Very low Clamping voltage
• IEC 61000-4-2 ESD 30kV air, 30kV Contact Compliance
• In compliance with EU RoHS 2002/95/EC directives
• Terminals : Solderable per MIL-STD-750, Method 2026
• Case : DFN 2L, Plastic
• Marking : BS

APPLICATIONS
• Video I/O ports protection
• Set Top Boxes
• Portable Instrumentation




Similar Part No. - PJSD03LCFN2

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
PJSD03LCFN2 LEIDITECH-PJSD03LCFN2 Datasheet
2Mb / 4P
BIDIRECTIONAL TVS DIODE
Rev 1.0 : 03.07.2021
More results


Similar Description - PJSD03LCFN2

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSD05LCFN2 PANJIT-PJSD05LCFN2 Datasheet
117Kb / 3P
BI-DIRECTIONAL ESD PROTECTION DIODE
logo
Taiwan Semiconductor Co...
TESDD5V0HC TSC-TESDD5V0HC Datasheet
275Kb / 3P
Bi-directional ESD Protection Diode
logo
Pan Jit International I...
PJSD05LCTM-AU PANJIT-PJSD05LCTM-AU Datasheet
179Kb / 5P
BI-DIRECTIONAL ESD PROTECTION DIODE
logo
Taiwan Semiconductor Co...
TESDLX TSC-TESDLX Datasheet
219Kb / 4P
Bi-directional ESD Protection Diode
TESDC5V0 TSC-TESDC5V0_15 Datasheet
202Kb / 4P
Bi-directional ESD Protection Diode
TESDC5V0LC TSC-TESDC5V0LC_15 Datasheet
207Kb / 4P
Bi-directional ESD Protection Diode
TESDF5V0A TSC-TESDF5V0A_15 Datasheet
267Kb / 5P
Bi-directional ESD Protection Diode
TESDL5V0 TSC-TESDL5V0_15 Datasheet
206Kb / 5P
Bi-directional ESD Protection Diode
logo
Pan Jit International I...
PJSD03LCTM PANJIT-PJSD03LCTM Datasheet
258Kb / 5P
BI-DIRECTIONAL ESD PROTECTION DIODE
logo
First Silicon Co., Ltd
FTV05CBDFN1006 FS-FTV05CBDFN1006 Datasheet
318Kb / 3P
Bi-directional ESD Protection Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com