Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJSD05CFN2 Datasheet (PDF) - Pan Jit International Inc.

PJSD05CFN2 Datasheet PDF - Pan Jit International Inc.
Part # PJSD05CFN2
Download  PJSD05CFN2 Download
File Size   117.3 Kbytes
Page   3 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description BI-DIRECTIONAL TVS

PJSD05CFN2 Datasheet (PDF)

Go To PDF Page Download Datasheet
PJSD05CFN2 Datasheet PDF - Pan Jit International Inc.

Part # PJSD05CFN2
Download  PJSD05CFN2 Click to download

File Size   117.3 Kbytes
Page   3 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description BI-DIRECTIONAL TVS

PJSD05CFN2 Datasheet (HTML) - Pan Jit International Inc.


PJSD05CFN2 Product details

BI-DIRECTIONAL TVS

This bi-directional TVS has been designed to protect sensitive equipment against ESD and to prevent Latch-Up events in CMOS circuitry operating at 5Vdc and below.This offers an integrated solution to protect a single data line where the board space is a premium.

SPECIFICATION FEATURES
• 200W Power Dissipation (8/20s Waveform)
• Low Leakage Current, Maximum of 1A@5Vdc
• Very low Clamping voltage
• IEC 61000-4-2 ESD 15kV air, 8kV Contact Compliance
• In compliance with EU RoHS 2002/95/EC directives
• Terminals : Solderable per MIL-STD-750, Method 2026
• Case : DFN 2L, Plastic
• Marking : BT

APPLICATIONS
• Video I/O ports protection
• Set Top Boxes
• Portable Instrumentation




Similar Part No. - PJSD05CFN2

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSD05CTG PANJIT-PJSD05CTG Datasheet
187Kb / 3P
BI-DIRECTIONAL ESD PROTECTION DIODE
PJSD05CTM PANJIT-PJSD05CTM Datasheet
119Kb / 3P
BI-DIRECTIONAL ESD PROTECTION DIODE
PJSD05CTM PANJIT-PJSD05CTM Datasheet
327Kb / 1P
Low CapacitanceHigh Power TVS/ESD Protection
PJSD05CTS PANJIT-PJSD05CTS Datasheet
172Kb / 3P
BI-DIRECTIONAL ESD PROTECTION DIODE
PJSD05CW PANJIT-PJSD05CW Datasheet
85Kb / 4P
Single Line TVS Diode for ESD Protection in Portable Electronics
More results


Similar Description - PJSD05CFN2

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
ESD9D5C JINANJINGHENG-ESD9D5C Datasheet
38Kb / 2P
Bi-Directional TVS
ESD9D5C-2 JINANJINGHENG-ESD9D5C-2 Datasheet
148Kb / 2P
Bi-Directional TVS
logo
FutureWafer Tech Co.,Lt...
FB-5VS61 FUTUREWAFER-FB-5VS61 Datasheet
516Kb / 1P
Bi-directional TVS diode
logo
Shenzhen Luguang Electr...
ESDB5.0CM9 LUGUANG-ESDB5.0CM9 Datasheet
1Mb / 2P
Bi-Directional TVS
ESDB6.8SM9 LUGUANG-ESDB6.8SM9 Datasheet
1Mb / 2P
Bi-Directional TVS
logo
TECH PUBLIC Electronics...
ESD13VB7-1006 TECHPUBLIC-ESD13VB7-1006 Datasheet
1Mb / 4P
Bi -directional TVS Diode
TPESD1521P TECHPUBLIC-TPESD1521P Datasheet
1Mb / 4P
Bi -directional TVS Diode
logo
Rectron Semiconductor
ESDBKV5V0D3 RECTRON-ESDBKV5V0D3 Datasheet
160Kb / 4P
BI-Directional TVS
ESDLC5V0D3B RECTRON-ESDLC5V0D3B Datasheet
434Kb / 4P
Bi-Directional TVS
ESDLC15VD3B RECTRON-ESDLC15VD3B Datasheet
230Kb / 4P
Bi-Directional TVS
2019-05/03 REV:O
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com