Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN10LP Datasheet (PDF) - Diodes Incorporated

VN10LP Datasheet PDF - Diodes Incorporated
Part # VN10LP
Download  VN10LP Download
File Size   38.98 Kbytes
Page   1 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET

VN10LP Datasheet (PDF)

Go To PDF Page Download Datasheet
VN10LP Datasheet PDF - Diodes Incorporated

Part # VN10LP
Download  VN10LP Click to download

File Size   38.98 Kbytes
Page   1 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET

VN10LP Datasheet (HTML) - Diodes Incorporated


VN10LP Product details

Features
• BVDSS > 60V
• RDS(on) ≤ 5Ω @ VGS= 10V
• ID = 270mA Maximum Continuous Drain Current
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - VN10LP

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
VN10LP ZETEX-VN10LP Datasheet
22Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
VN10LP ZETEX-VN10LP Datasheet
32Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
VN10LP ZETEX-VN10LP_05 Datasheet
32Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Diodes Incorporated
VN10LP DIODES-VN10LP_15 Datasheet
601Kb / 5P
60V N-CHANNEL ENHANCEMENT MODE VERTICAL DMOSFET
Rev 4
More results


Similar Description - VN10LP

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BSS123 ZETEX-BSS123 Datasheet
45Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
VN10LP ZETEX-VN10LP Datasheet
22Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN0540A ZETEX-ZVN0540A Datasheet
26Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN1409A ZETEX-ZVN1409A Datasheet
49Kb / 3P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2106G ZETEX-ZVN2106G Datasheet
30Kb / 2P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2110A ZETEX-ZVN2110A Datasheet
87Kb / 3P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4106F ZETEX-ZVN4106F Datasheet
41Kb / 2P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4210A ZETEX-ZVN4210A Datasheet
37Kb / 2P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVNL110A ZETEX-ZVNL110A Datasheet
22Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
VN2222LL ZETEX-VN2222LL Datasheet
18Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com