Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMLM0574 Datasheet (PDF) - Central Semiconductor Corp

CMLM0574 Datasheet PDF - Central Semiconductor Corp
Part # CMLM0574
Download  CMLM0574 Download
File Size   592.07 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description SURFACE MOUNT SILICON N-CHANNEL MOSFET AND LOW VF SCHOTTKY DIODE

CMLM0574 Datasheet (PDF)

Go To PDF Page Download Datasheet
CMLM0574 Datasheet PDF - Central Semiconductor Corp

Part # CMLM0574
Download  CMLM0574 Click to download

File Size   592.07 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description SURFACE MOUNT SILICON N-CHANNEL MOSFET AND LOW VF SCHOTTKY DIODE

CMLM0574 Datasheet (HTML) - Central Semiconductor Corp


CMLM0574 Product details

DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMLM0574 is a Multi Discrete Module™ consisting of a single N-Channel enhancement-mode MOSFET and a low VF Schottky diode packaged in a space saving SOT-563 surface mount case. This device is designed for small signal general purpose applications where size and operational efficiency are prime requirements.

FEATURES:
• ESD protection up to 2kV
• Low rDS(on) Transistor (560mΩ MAX @ VGS=2.5V)
• Low VF Schottky Diode (0.47V MAX @ 0.5A)

APPLICATIONS:
• DC-DC Converters
• Battery Powered Portable Equipment




Similar Part No. - CMLM0574

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLM0574 CENTRAL-CMLM0574_15 Datasheet
526Kb / 3P
SCHOTTKY DIODE
More results


Similar Description - CMLM0574

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLM0205 CENTRAL-CMLM0205 Datasheet
107Kb / 2P
MULTI DISCRETE MODULE??SURFACE MOUNT N-CHANNEL MOSFET AND LOW VF SILICON SCHOTTKY DIODE
CMLM0205 CENTRAL-CMLM0205_10 Datasheet
588Kb / 2P
SURFACE MOUNT N-CHANNEL MOSFET AND LOW VF SILICON SCHOTTKY DIODE
CMLM8205 CENTRAL-CMLM8205 Datasheet
589Kb / 2P
SURFACE MOUNT P-CHANNEL MOSFET AND LOW VF SILICON SCHOTTKY DIODE
CMLM0305 CENTRAL-CMLM0305 Datasheet
592Kb / 2P
SURFACE MOUNT N-CHANNEL MOSFET AND LOW VF SILICON SCHOTTKY DIODE
CMLM0305T CENTRAL-CMLM0305T Datasheet
591Kb / 2P
SURFACE MOUNT N-CHANNEL MOSFET AND LOW VF SILICON SCHOTTKY DIODE
CMLM0584 CENTRAL-CMLM0584 Datasheet
663Kb / 2P
SURFACE MOUNT SILICON P-CHANNEL MOSFET AND LOW VF SCHOTTKY DIODE
CMLM0575 CENTRAL-CMLM0575 Datasheet
590Kb / 2P
SURFACE MOUNT SILICON N-CHANNEL MOSFET AND LOW VF SCHOTTKY DIODE
CMLM0585 CENTRAL-CMLM0585 Datasheet
661Kb / 2P
SURFACE MOUNT SILICON P-CHANNEL MOSFET AND LOW VF SCHOTTKY DIODE
CTLM7110-M832D CENTRAL-CTLM7110-M832D Datasheet
539Kb / 2P
SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET AND LOW VF SILICON SCHOTTKY RECTIFIER
CMGSH1-3 CENTRAL-CMGSH1-3 Datasheet
423Kb / 2P
Surface Mount Low VF SILICON SCHOTTKY DIODE
More results




About Central Semiconductor Corp


Central Semiconductor Corp is a leading provider of discrete semiconductors and passive components.
The company was founded in 1967 and is headquartered in Hauppauge, New York, USA.
Central Semiconductor offers a wide range of products including diodes, rectifiers, transistors, and other discrete semiconductors.
The company is also a provider of passive components such as capacitors and inductors.
Central Semiconductor is known for its high-quality products, competitive prices, and excellent customer service.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com