Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZDT1053 Datasheet (PDF) - Diodes Incorporated

ZDT1053 Datasheet PDF - Diodes Incorporated
Part # ZDT1053
Download  ZDT1053 Download
File Size   87.61 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SM-8 DUAL NPN MEDIUM POWER HIGH GAIN TRANSISTORS

ZDT1053 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZDT1053 Datasheet PDF - Diodes Incorporated

Part # ZDT1053
Download  ZDT1053 Click to download

File Size   87.61 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SM-8 DUAL NPN MEDIUM POWER HIGH GAIN TRANSISTORS

ZDT1053 Datasheet (HTML) - Diodes Incorporated


ZDT1053 Product details

Features
• BVCEO > 75V
• IC = 5A High Collector Current
• ICM = 20A Peak Pulse Current
• High Gain hFE > 300 @ 1A
• Low Saturation Voltage VCE(SAT) < 150mV @ 1A
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - ZDT1053

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZDT1053 ZETEX-ZDT1053 Datasheet
78Kb / 3P
DUAL NPN MEDIUM POWER HIGH GAIN TRANSISTORS
logo
List of Unclassifed Man...
ZDT1053 ETC2-ZDT1053 Datasheet
79Kb / 3P
SM-8 DUAL NPN MEDIUM POWER HIGH GAIN TRANSISTORS
logo
Diodes Incorporated
ZDT1053 DIODES-ZDT1053_15 Datasheet
577Kb / 7P
75V DUAL NPN HIGH GAIN MEDIUM POWER TRANSISTOR IN SM-8
Rev 4
More results


Similar Description - ZDT1053

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZDT1048 ZETEX-ZDT1048_07 Datasheet
335Kb / 6P
SM-8 Dual NPN medium power high gain transistors
logo
List of Unclassifed Man...
ZDT1053 ETC2-ZDT1053 Datasheet
79Kb / 3P
SM-8 DUAL NPN MEDIUM POWER HIGH GAIN TRANSISTORS
logo
Diodes Incorporated
ZDT694 DIODES-ZDT694 Datasheet
70Kb / 3P
SM-8 DUAL NPN MEDIUM POWER HIGH GAIN TRANSISTORS
NOVEMBER 1995
ZDT1048 DIODES-ZDT1048 Datasheet
345Kb / 6P
SM-8 Dual NPN medium power high gain transistors
DECEMBER 2007
ZDT1049 DIODES-ZDT1049 Datasheet
72Kb / 3P
SM-8 DUAL NPN MEDIUM POWER HIGH GAIN TRANSISTORS
JANUARY 1996
ZDT6790 DIODES-ZDT6790 Datasheet
40Kb / 3P
SM-8 COMPLEMENTARY MEDIUM POWER HIGH GAIN TRANSISTORS
NOVEMBER 1995
ZDT694TA DIODES-ZDT694TA Datasheet
70Kb / 3P
SM-8 DUAL NPN MEDIUM POWER HIGH GAIN TRANSISTORS
NOVEMBER 1995
logo
Zilog, Inc.
ZDT694TA ZILOG-ZDT694TA Datasheet
70Kb / 3P
SM-8 DUAL NPN MEDIUM POWER HIGH GAIN TRANSISTORS
logo
Diodes Incorporated
ZDT1048 DIODES-ZDT1048_15 Datasheet
345Kb / 6P
SM-8 Dual NPN medium power high gain transistors
DECEMBER 2007
ZDT1049 DIODES-ZDT1049_15 Datasheet
72Kb / 3P
SM-8 DUAL NPN MEDIUM POWER HIGH GAIN TRANSISTORS
JANUARY 1996
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com