Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM25Q32 Datasheet (PDF) - FIDELIX

FM25Q32 Datasheet PDF - FIDELIX
Part # FM25Q32
Download  FM25Q32 Download
File Size   2702.81 Kbytes
Page   61 Pages
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX
Description 32M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI

FM25Q32 Datasheet (PDF)

Go To PDF Page Download Datasheet
FM25Q32 Datasheet PDF - FIDELIX

Part # FM25Q32
Download  FM25Q32 Click to download

File Size   2702.81 Kbytes
Page   61 Pages
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX
Description 32M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI

FM25Q32 Datasheet (HTML) - FIDELIX


FM25Q32 Product details

GENERAL DESCRIPTION
The FM25Q32 Serial Flash memory provides a storage  solution for systems with limited space, pins  and  power.  The  25Q  series  offers  flexibility  and  performance  well  beyond  ordinary  Serial Flash  devices.  They  are  ideal  for  code  shadowing  to RAM,  executing  code  directly  from Dual/Quad SPI (XIP) and storing voice, text and data. The devices operate on a single 2.7V to 3.6V power supply with current consumption as low as 5mA active and 1µA for power-down. All devices offered in space-saving packages.

FEATURES
● SpiFlash Memory
   - FM25Q32: 32M-bit / 4M–byte
   - 256-bytes per programmable page
   - 4K-bit secured OTP
● Standard, Dual or Quad SPI
   - standard SPI: CLK, /CS, DI, DO, /WP, /Hold
   - Dual SPI: CLK, /CS, IO0, IO 1, /WP, /Hold
   - Quad SPI: CLK, /CS, IO0, IO1, IO2, IO3
● Highest Performance Serial Flash
   - Up to 7X that of ordinary Serial Flash
   - 104MHz clock operation
   - 208MHz equivalent Dual SPI
   - 416MHz equivalent Quad SPI
   - 50MB/S continuous data transfer rate
   - 31MB/S random access (32-byte fetch)
   - Comparable to X16 Parallel Flash
● Package Material
   - Fidelix all product Green package
      Lead-free
      RoHS Compliant
      Halogen-free
● Flexible Architecture with 4KB sectors
   - Uniform Sector Erase (4K-byte)
   - Uniform Block Erase (32K and 64K-bytes)
   - program one to 256 bytes
   - Up to 100,000 erase/write cycles
   - 20-years data retention
   – Erase/Program Suspend & Resume
● Low Power, wide Temperature Range
   - Single 2.7 to 3.6V supply
   - 5mA active current, <1µA Power-down (typ.)
   - -40℃ to +85℃ operating range
● Advanced Security Features
   - Software and Hardware Write-protect
   - Top or Bottom, Sector or Block selection
   - Lock-Down and OTP protection
● Space Efficient Packaging
   - 8-pin SOIC 150mil
   - 8-pin SOIC 208mil
   - 8-pad WSON 6x5-mm
   - 16-pin SOIC 300-mil
   - 8-pin DIP 300mil




Similar Part No. - FM25Q32

ManufacturerPart #DatasheetDescription
logo
FIDELIX
FM25Q08 FIDELIX-FM25Q08 Datasheet
2Mb / 62P
8M-BIT Serial Flash Menory with 4KB Sectors, Dual and Quad I/O SPI
FM25Q16 FIDELIX-FM25Q16 Datasheet
2Mb / 62P
16M-BIT Serial Flash memory with 4KB Sectors, Dual and Quad I/O SPI
FM25Q64 FIDELIX-FM25Q64 Datasheet
2Mb / 61P
64M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI
More results


Similar Description - FM25Q32

ManufacturerPart #DatasheetDescription
logo
FIDELIX
FM25Q08 FIDELIX-FM25Q08 Datasheet
2Mb / 62P
8M-BIT Serial Flash Menory with 4KB Sectors, Dual and Quad I/O SPI
FM25Q16 FIDELIX-FM25Q16 Datasheet
2Mb / 62P
16M-BIT Serial Flash memory with 4KB Sectors, Dual and Quad I/O SPI
FM25Q64 FIDELIX-FM25Q64 Datasheet
2Mb / 61P
64M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI
logo
Winbond
W25X32A WINBOND-W25X32A Datasheet
1Mb / 45P
32M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X32BV WINBOND-W25X32BV Datasheet
1Mb / 45P
32M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X40BL WINBOND-W25X40BL Datasheet
780Kb / 55P
2.5V 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X05CLUXIG-TR WINBOND-W25X05CLUXIG-TR Datasheet
1Mb / 47P
1M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X20CLUXIG-TR WINBOND-W25X20CLUXIG-TR Datasheet
1Mb / 50P
2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X40CLUXIG-TR WINBOND-W25X40CLUXIG-TR Datasheet
1Mb / 53P
SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25Q40CL WINBOND-W25Q40CL Datasheet
3Mb / 65P
SERIAL FLASH MEMORY WITH 4KB SECTORS, DUAL AND QUAD SPI
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com