Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB8632 Datasheet (PDF) - Sanyo Semicon Device

LB8632 Datasheet PDF - Sanyo Semicon Device
Part # LB8632
Download  LB8632 Download
File Size   381.45 Kbytes
Page   18 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Low-Voltage/Low-Saturation Camera Motor Driver?

LB8632 Datasheet (PDF)

Go To PDF Page Download Datasheet
LB8632 Datasheet PDF - Sanyo Semicon Device

Part # LB8632
Download  LB8632 Click to download

File Size   381.45 Kbytes
Page   18 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Low-Voltage/Low-Saturation Camera Motor Driver?

LB8632 Datasheet (HTML) - Sanyo Semicon Device


LB8632 Product details

Overview
The LB8632V is a general-purpose camera motor driver IC that supports low-saturation output and low-voltage drive and thus can be used in a wide range of applications. The LB8632V is a miniature thin form-factor IC that provides circuit structures and I/O logic that reduce development times and costs and support reduced lot sizes and end product diversity, despite increasing miniaturization and functionality in application products.

Features
• 3, 6 V and a wide application range: from popularly priced models to top-of-the-line products The external transistors and the number of ICs (one or two) is determined by the number of IC required motors and actuators.
    Support for motor standby, forward, reverse and braking control for four motors using only five CPU port lines.
    This requires two external transistors and two ICs. The LB8632V also provides non-operating mode logic for the operating control signals (the IN input) so that ICs with other functions can be used on the same ports.
• Built-in 1 CH low-voltage drive low-saturation, forward/reverse motor drive IO peak = 3.0 A maximum (t ≤ 100 ms: single shot, between OUT1 and OUT2) IO DC = 1.0 A maximum VO sat = 0.45 V typical (at IO = 1 A)
    Operating voltage range: VB = 1.2 to 7.5 V (VB = VS = VDD = battery voltage)
• Built-in low-voltage drive - 0.5 CH forward/reverse motor driver
    Supports 1.5 CH bridge operation with the use of two external transistors. Also supports LED or solenoid drive with constant-current drive.
    Operating voltage range: VB = 1.2 to 7.5 V (VB = VS = VDD = battery voltage)
• Built-in regulator predriver
    VCC can be regulated at 1.86 V by connecting the VCC control pin (VCONT) to the reference voltage, VREF (1.36 V). Also, the VCC output voltage can be varied by inputting the CPU D/A output to VCONT. Either the IC itself or only the VCC regulator can be turned on according to the operating mode of each motor.
    In addition, this function can also be used as a battery check comparator.
    Operating voltage range: VB = 1.5 to 7.5 V
• Three independent power supply line systems
    The LB8632V supports either single supply specifications (VB = VS = VDD) or dual supply specifications (battery/step-up supply) by providing a power supply voltage pin (VB), a motor supply pin (VS), and a CPU interface pin (VDD). Also, motor output can be stabilized by taking the motor power supply from the VCC regulator.
    Support for both CMOS and n-channel open drain outputs from the CPU.
• Built-in thermal protection circuit
    This circuit limits the output current if the IC overheats due to excessive loading or an output short and thus prevents the destruction of the IC.
• Provided in the miniature ultrathin SSOP-20 package (6.4 × 6.5 × 1.6 mm)




Similar Part No. - LB8632

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB8620M SANYO-LB8620M Datasheet
92Kb / 5P
Low-voltage, Low-saturation, Dual-Motor Driver?
LB8628PL SANYO-LB8628PL Datasheet
76Kb / 6P
Two Saturated Drive Channels
LB8649FN SANYO-LB8649FN Datasheet
234Kb / 9P
Monolithic Digital IC Motor Driver for DSCs
LB8649FN SANYO-LB8649FN Datasheet
216Kb / 9P
Motor Driver for DSCs
LB8649FN SANYO-LB8649FN_08 Datasheet
216Kb / 9P
Motor Driver for DSCs
More results


Similar Description - LB8632

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB8620M SANYO-LB8620M Datasheet
92Kb / 5P
Low-voltage, Low-saturation, Dual-Motor Driver?
logo
Fairchild Semiconductor
FAN8200 FAIRCHILD-FAN8200 Datasheet
404Kb / 16P
Low Voltage/Low Saturation Stepping Motor Driver
FAN8200 FAIRCHILD-FAN8200_04 Datasheet
363Kb / 16P
Low Voltage/Low Saturation Stepping Motor Driver
logo
Sanyo Semicon Device
LB1638 SANYO-LB1638_08 Datasheet
85Kb / 4P
Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1838M SANYO-LB1838M_09 Datasheet
92Kb / 5P
Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1930M SANYO-LB1930M_11 Datasheet
110Kb / 5P
Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1838M SANYO-LB1838M_12 Datasheet
87Kb / 5P
Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1638MC-AH ONSEMI-LB1638MC-AH Datasheet
68Kb / 4P
Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
LB1838M-TRM-E ONSEMI-LB1838M-TRM-E Datasheet
69Kb / 5P
Low-Voltage, Low-Saturation Bidirectional Motor Driver
Jan-2011, Rev. 0
LB1930MC-AH ONSEMI-LB1930MC-AH Datasheet
74Kb / 5P
Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com