Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB8902 Datasheet (PDF) - Sanyo Semicon Device

LB8902 Datasheet PDF - Sanyo Semicon Device
Part # LB8902
Download  LB8902 Download
File Size   76.92 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 3-Channel Clock Driver

LB8902 Datasheet (PDF)

Go To PDF Page Download Datasheet
LB8902 Datasheet PDF - Sanyo Semicon Device

Part # LB8902
Download  LB8902 Click to download

File Size   76.92 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 3-Channel Clock Driver

LB8902 Datasheet (HTML) - Sanyo Semicon Device


LB8902 Product details

Overview
• The LB8902M is designed to drive a capacitive load at a high speed.
• Suited for horizontal clock drive of CCD image sensor.

Functions and Features
• 3-channel inverter buffer amplifier.
• Fast propagation time (10ns typ. for 100pF load).
• Low-voltage operation available (5V min).
• Low quiescent current (10µA max).




Similar Part No. - LB8902

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB8901 SANYO-LB8901 Datasheet
121Kb / 5P
CCD Clock Driver
LB8901M SANYO-LB8901M Datasheet
121Kb / 5P
CCD Clock Driver
LB8904 SANYO-LB8904 Datasheet
110Kb / 5P
CCD Clock Driver?
LB8904M SANYO-LB8904M Datasheet
110Kb / 5P
CCD Clock Driver?
More results


Similar Description - LB8902

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC337 TI-CDC337 Datasheet
119Kb / 8P
CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC339 TI-CDC339 Datasheet
105Kb / 7P
CLOCK DRIVER WITH 3-STATE OUTPUTS
logo
Intersil Corporation
EL5001 INTERSIL-EL5001 Datasheet
369Kb / 8P
6-Channel Clock Driver
January 31, 2005
logo
Texas Instruments
CDC339DBR TI-CDC339DBR Datasheet
281Kb / 13P
CLOCK DRIVER WITH 3-STATE OUTPUTS
logo
Silicon Laboratories
SL18860DC SILABS-SL18860DC Datasheet
269Kb / 12P
3-Channel Clock Distribution Buffer
logo
Texas Instruments
CDC209 TI1-CDC209_15 Datasheet
620Kb / 13P
3-3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC330 TI1-CDC330 Datasheet
110Kb / 7P
CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC337 TI1-CDC337_12 Datasheet
462Kb / 12P
Clock Driver with 3-state output
logo
Renesas Technology Corp
EL5001 RENESAS-EL5001 Datasheet
555Kb / 8P
6-Channel Clock Driver
logo
Silicon Laboratories
SL18860 SILABS-SL18860 Datasheet
269Kb / 12P
3-Channel Clock Distribution Buffer
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com