Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB9051 Datasheet (PDF) - Sanyo Semicon Device

LB9051 Datasheet PDF - Sanyo Semicon Device
Part # LB9051
Download  LB9051 Download
File Size   53.42 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Switching Type Hall IC

LB9051 Datasheet (PDF)

Go To PDF Page Download Datasheet
LB9051 Datasheet PDF - Sanyo Semicon Device

Part # LB9051
Download  LB9051 Click to download

File Size   53.42 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Switching Type Hall IC

LB9051 Datasheet (HTML) - Sanyo Semicon Device


LB9051 Product details

Overview
The LB9051 is a Hall IC that is operated in the presence of an alternating magnetic field and produces a digital output. The LB9051 contains a silicon Hall generator, an amplifier, a Schmitt trigger circuit on chip and especially suited for detection of magnetism (ex. detection of the rotation of a small magnet-used substance).

Features
• Operated in the presence of an alternating magnetic field.
• Wide operating voltage range (3.6 to 16V).
• Output capable of direct driving a TTL, MOS IC.
• High sensitivity (sensitive to low magnetism).

Applications
• Detection of magnetism.
• Contactless switch.
• Detection of the rotation, position of a magnetic substance.




Similar Part No. - LB9051

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
LB9001A PF-LB9001A Datasheet
736Kb / 2P
D-Sub plug 9-pin
2020-03-30
LB9002A PF-LB9002A Datasheet
765Kb / 2P
D-Sub plug 9-pin
2020-03-30
LB9003A PF-LB9003A Datasheet
445Kb / 2P
D-Sub plug 9-pin
2020-03-30
LB9006C PF-LB9006C Datasheet
597Kb / 3P
Power supply
2021-12-01
LB9007A PF-LB9007A Datasheet
596Kb / 2P
Terminal Block
2020-03-30
More results


Similar Description - LB9051

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DN838 PANASONIC-DN838 Datasheet
220Kb / 5P
HALL IC(SWITCH TYPE)
DN835 PANASONIC-DN835 Datasheet
196Kb / 4P
HALL IC(LINEAR TYPE)
logo
Rohm
BU52040HFV ROHM-BU52040HFV Datasheet
199Kb / 5P
Bipolar latch type Hall effect IC
logo
Seiko Instruments Inc
S-5711A SII-S-5711A Datasheet
334Kb / 26P
HALL IC
S-5713A SII-S-5713A Datasheet
187Kb / 16P
HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
S-57B1NSL1B-M3T1U SII-S-57B1NSL1B-M3T1U Datasheet
1Mb / 20P
UNIPOLAR DETECTION TYPE HALL IC
S-5715CNDL1-M3T1U SII-S-5715CNDL1-M3T1U Datasheet
1Mb / 28P
UNIPOLAR DETECTION TYPE HALL IC
S-5715CNSL1-M3T1U SII-S-5715CNSL1-M3T1U Datasheet
1Mb / 28P
UNIPOLAR DETECTION TYPE HALL IC
S-5717ANDL8-I4T1U SII-S-5717ANDL8-I4T1U Datasheet
1Mb / 19P
UNIPOLAR DETECTION TYPE HALL IC
S-5732NSL1B-Y3N2U SII-S-5732NSL1B-Y3N2U Datasheet
1Mb / 21P
UNIPOLAR DETECTION TYPE HALL IC
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com