Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD107WS Datasheet (PDF) - Pan Jit International Inc.

SD107WS Datasheet PDF - Pan Jit International Inc.
Part # SD107WS
Download  SD107WS Download
File Size   136.71 Kbytes
Page   3 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT SCHOTTKY DIODES

SD107WS Datasheet (PDF)

Go To PDF Page Download Datasheet
SD107WS Datasheet PDF - Pan Jit International Inc.

Part # SD107WS
Download  SD107WS Click to download

File Size   136.71 Kbytes
Page   3 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT SCHOTTKY DIODES

SD107WS Datasheet (HTML) - Pan Jit International Inc.


SD107WS Product details

FEATURES
• Very Low VF : 0.36V(Max) at I F=2mA
• Low Capacitance : 3pF(Max) at VR=10V
• Extremely Fast Switching Speed
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)




Similar Part No. - SD107WS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SD107WS DIODES-SD107WS Datasheet
62Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30129 Rev. 4 - 2
logo
General Semiconductor
SD107WS GE-SD107WS Datasheet
78Kb / 1P
SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
SD107WS BILIN-SD107WS Datasheet
152Kb / 2P
Silicon Epitaxial Planar Diode
logo
Guangdong Kexin Industr...
SD107WS KEXIN-SD107WS Datasheet
34Kb / 1P
SCHOTTKY DIODE
logo
SEMTECH ELECTRONICS LTD...
SD107WS SEMTECH_ELEC-SD107WS Datasheet
223Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Similar Description - SD107WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS70TS PANJIT-BAS70TS Datasheet
107Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
BAS70W PANJIT-BAS70W_09 Datasheet
104Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
BAS70WS PANJIT-BAS70WS_09 Datasheet
123Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
RB521S30 PANJIT-RB521S30_09 Datasheet
112Kb / 3P
SURFACE MOUNT SCHOTTKY DIODES
RB501V-40-AU PANJIT-RB501V-40-AU Datasheet
77Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
BAT54AW-AU PANJIT-BAT54AW-AU Datasheet
246Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
BAT54FN2-AU PANJIT-BAT54FN2-AU_17 Datasheet
137Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
BAT54WS-AU PANJIT-BAT54WS-AU_17 Datasheet
198Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
BAS100AS PANJIT-BAS100AS Datasheet
149Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
BAS100CS PANJIT-BAS100CS Datasheet
147Kb / 5P
SURFACE MOUNT SCHOTTKY DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com