Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZNBG3210 Datasheet (PDF) - Diodes Incorporated

ZNBG3210 Datasheet PDF - Diodes Incorporated
Part # ZNBG3210
Download  ZNBG3210 Download
File Size   399.97 Kbytes
Page   16 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description FET BIAS CONTROLLER WITH POLARISATION

ZNBG3210 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZNBG3210 Datasheet PDF - Diodes Incorporated

Part # ZNBG3210
Download  ZNBG3210 Click to download

File Size   399.97 Kbytes
Page   16 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description FET BIAS CONTROLLER WITH POLARISATION

ZNBG3210 Datasheet (HTML) - Diodes Incorporated


ZNBG3210 Product details

DEVICE DESCRIPTION
The ZNBG series of devices are designed to meet the bias requirements of GaAs and HEMT FETs commonly used in satellite receiver LNBs, PMR cellular telephones etc. with a minimum of external components.
With the addition of two capacitors and a resistor the devices provide drain voltage and current control for three external grounded source FETs, generating the regulated negative rail required for FET gate biasing whilst operating from a single supply. This negative bias, at -3 volts, can also be used to supply other external circuits.
The ZNBG3210/11 includes bias circuits to drive up to three external FETs. A control input to the device selects either one of two FETs as operational using 0V gate switching methodology, the third FET is permanently active. This feature is particularly used as an LNB polarisation switch. Also specific to LNB applications is the enhanced 22kHz tone detection and logic output feature which is used to enable high and low band frequency switching. The detector has been specifically designed to reject inerference such as low frequency signals and DiSEqC tone bursts - without the use of additional external components.
Drain current setting of the ZNBG3210/11 is user selectable over the range 0 to 15mA, this is achieved with the addition of a single resistor. The series also offers the choice of FET drain voltage, the 3210 gives 2.2 volts drain whilst the 3211 gives 2 volts.
These devices are unconditionally stable over the full working temperature with the FETs in place, subject to the inclusion of the recommended gate and drain capacitors. These ensure RF stability and minimal injected noise.
It is possible to use less than the devices full complement of FET bias controls, unused drain and gate connections can be left open circuit without affecting operation of the remaining bias circuits.
In order to protect the external FETs the circuits have been designed to ensure that, under any conditions including power up/down transients, the gate drive from the bias circuits cannot exceed the range -3.5V to 1V. Furthermore if the negative rail experiences a fault condition, such as overload or short circuit, the drain supply to the FETs will shut down avoiding excessive current flow.
The ZNBG3210/11 are available in QSOP20 for the minimum in device size. Device operating temperature is -40 to 70°C to suit a wide range of environmental conditions.

FEATURES
• Provides bias for GaAs and HEMT FETs
• Drives up to three FETs
• Dynamic FET protection
• Drain current set by external resistor
• Regulated negative rail generator
   requires only 2 external capacitors
• Choice in drain voltage
• Wide supply voltage range
• Polarisation switch for LNBs -
   supporting zero volt gate switching
   topology.
• 22kHz tone detection for band switching
• Compliant with ASTRA control
   specifications
• QSOP surface mount package

APPLICATIONS
• Satellite receiver LNBs
• Private mobile radio (PMR)
• Cellular telephones




Similar Part No. - ZNBG3210

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZNBG3210 ZETEX-ZNBG3210 Datasheet
387Kb / 16P
FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3210Q20 ZETEX-ZNBG3210Q20 Datasheet
387Kb / 16P
FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
More results


Similar Description - ZNBG3210

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZNBG3110 ZETEX-ZNBG3110 Datasheet
657Kb / 16P
FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3113 ZETEX-ZNBG3113 Datasheet
684Kb / 17P
FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3115 ZETEX-ZNBG3115 Datasheet
1Mb / 14P
FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3210 ZETEX-ZNBG3210 Datasheet
387Kb / 16P
FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
logo
Unisonic Technologies
UTCL8115 UTC-UTCL8115 Datasheet
174Kb / 13P
FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
logo
Zetex Semiconductors
ZNBG3115 ZETEX-ZNBG3115_06 Datasheet
606Kb / 15P
FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
logo
Diodes Incorporated
ZNBG3000 DIODES-ZNBG3000 Datasheet
216Kb / 9P
FET BIAS CONTROLLER
AUGUST 1998
ZNBG3113 DIODES-ZNBG3113 Datasheet
698Kb / 17P
FET BIAS CONTROLLER WITH POLARISATION
OCTOBER 1998
ZNBG3115 DIODES-ZNBG3115 Datasheet
614Kb / 15P
FET BIAS CONTROLLER WITH POLARISATION
JUNE 2006
ZNBG3211Q20TC DIODES-ZNBG3211Q20TC Datasheet
399Kb / 16P
FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION ISSUE 2 - FEBRUARY 2000
FEBRUARY 2000
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com