Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIR880DP Datasheet (PDF) - Vishay Siliconix

SIR880DP Datasheet PDF - Vishay Siliconix
Part # SIR880DP
Download  SIR880DP Download
File Size   126.83 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 80 V (D-S) MOSFET 100 % UIS Tested

SIR880DP Datasheet (PDF)

Go To PDF Page Download Datasheet
SIR880DP Datasheet PDF - Vishay Siliconix

Part # SIR880DP
Download  SIR880DP Click to download

File Size   126.83 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel 80 V (D-S) MOSFET 100 % UIS Tested

SIR880DP Datasheet (HTML) - Vishay Siliconix


SIR880DP Product details

FEATURES

• Halogen-free According to IEC 61249-2-21 Definition

• TrenchFET®Power MOSFET

• 100 % Rg Tested

• 100 % UIS Tested

• Compliant to RoHS Directive 2002/95/EC




Similar Part No. - SIR880DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIR880DP VISHAY-SIR880DP Datasheet
504Kb / 13P
N-Channel 80 V (D-S) MOSFET
22-Nov-10
SIR880DP VISHAY-SIR880DP Datasheet
504Kb / 13P
N-Channel 80 V (D-S) MOSFET
22-Nov-10
logo
Vishay Telefunken
SIR880DP TFUNK-SIR880DP Datasheet
334Kb / 13P
N-Channel 80 V (D-S) MOSFET
logo
Vishay Siliconix
SIR880DP-T1-GE3 VISHAY-SIR880DP-T1-GE3 Datasheet
369Kb / 13P
N-Channel 80 V (D-S) MOSFET
22-Nov-10
logo
TECH PUBLIC Electronics...
SIR880DP-TP TECHPUBLIC-SIR880DP-TP Datasheet
2Mb / 4P
‘N-Channel Enhancement MOSFET
More results


Similar Description - SIR880DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7852DP VISHAY-SI7852DP Datasheet
40Kb / 5P
N-Channel 80-V (D-S) MOSFET
28-May-01
logo
Analog Power
AM30N08-80D ANALOGPOWER-AM30N08-80D Datasheet
79Kb / 3P
N-Channel 80-V (D-S) MOSFET
AM90N08-05P ANALOGPOWER-AM90N08-05P Datasheet
369Kb / 5P
N-Channel 80-V (D-S) MOSFET
logo
Vishay Siliconix
SIR880DP_1209 VISHAY-SIR880DP_1209 Datasheet
504Kb / 13P
N-Channel 80 V (D-S) MOSFET
22-Nov-10
logo
DinTek Semiconductor Co...
DTM4830 DINTEK-DTM4830 Datasheet
311Kb / 8P
N-Channel 80 V (D-S) MOSFET
DTM4410 DINTEK-DTM4410_13 Datasheet
1Mb / 9P
N-Channel 30-V (D-S) MOSFET 100 % Rg and UIS Tested
logo
Vishay Telefunken
SI7852DP TFUNK-SI7852DP Datasheet
303Kb / 12P
N-Channel 80-V (D-S) MOSFET
SIR826ADP TFUNK-SIR826ADP Datasheet
381Kb / 13P
N-Channel 80 V (D-S) MOSFET
SIS468DN TFUNK-SIS468DN Datasheet
559Kb / 13P
N-Channel 80 V (D-S) MOSFET
logo
Taiwan Semiconductor Co...
TSM4NC50CP TSC-TSM4NC50CP Datasheet
436Kb / 6P
100% UIS and Rg tested
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com