Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZTX855 Datasheet (PDF) - Diodes Incorporated

ZTX855 Datasheet PDF - Diodes Incorporated
Part # ZTX855
Download  ZTX855 Download
File Size   83.47 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description NPN SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR

ZTX855 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZTX855 Datasheet PDF - Diodes Incorporated

Part # ZTX855
Download  ZTX855 Click to download

File Size   83.47 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description NPN SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR

ZTX855 Datasheet (HTML) - Diodes Incorporated


ZTX855 Product details

aFeatures
• BVCEO > 150V
• IC = 4A High Continuous Collector Current
• ICM = 10A Peak Pulse Current
• TJ up to 200°C for High Temperature Operation
• Low Saturation Voltage < 100mV @ 1A
• PD = 1.2W Power dissipation
• Complementary NPN Type: ZTX955
• Lead-Free Finish; RoHS compliant (Note 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - ZTX855

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZTX855 ZETEX-ZTX855 Datasheet
71Kb / 3P
NPN SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
logo
Diodes Incorporated
ZTX855 DIODES-ZTX855_15 Datasheet
320Kb / 7P
150V NPN MEDIUM POWER TRANSISTOR IN E-LINE
Rev 4
More results


Similar Description - ZTX855

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZTX849 ZETEX-ZTX849 Datasheet
60Kb / 3P
NPN SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
ZTX851 ZETEX-ZTX851 Datasheet
62Kb / 3P
NPN SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
ZTX855 ZETEX-ZTX855 Datasheet
71Kb / 3P
NPN SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
ZTX857 ZETEX-ZTX857 Datasheet
75Kb / 3P
NPN SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
ZTX869 ZETEX-ZTX869 Datasheet
60Kb / 3P
NPN SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
logo
Diodes Incorporated
ZTX851 DIODES-ZTX851 Datasheet
73Kb / 3P
NPN SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
AUGUST 1994
ZTX857 DIODES-ZTX857 Datasheet
87Kb / 3P
NPN SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
APRIL 1994
ZTX849 DIODES-ZTX849_15 Datasheet
72Kb / 3P
NPN SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
MARCH 1994
ZTX857 DIODES-ZTX857_15 Datasheet
87Kb / 3P
NPN SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
APRIL 1994
ZTX869 DIODES-ZTX869_15 Datasheet
71Kb / 3P
NPN SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
APRIL 1994
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com