Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZUMT717 Datasheet (PDF) - Diodes Incorporated

ZUMT717 Datasheet PDF - Diodes Incorporated
Part # ZUMT717
Download  ZUMT717 Download
File Size   152.3 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Super323횚 SOT323 PNP SILICON POWER (SWITCHING) TRANSISTOR

ZUMT717 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZUMT717 Datasheet PDF - Diodes Incorporated

Part # ZUMT717
Download  ZUMT717 Click to download

File Size   152.3 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Super323횚 SOT323 PNP SILICON POWER (SWITCHING) TRANSISTOR

ZUMT717 Datasheet (HTML) - Diodes Incorporated


ZUMT717 Product details

Features
• BVCEO > -12V
• IC = -1.25A Continuous Collector Current
• ICM = -3A Peak Pulse Current
• Low Saturation Voltage VCE(sat) < -215mV @ IC = -1A
• RCE(SAT) = 150mΩ for a Low Equivalent On-Resistance
• 500mW Power Dissipation
• Excellent hFE Characteristics up to -3A
• Complementary NPN Type: ZUMT617
• Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• Negative boost functions in DC-DC converters
• Supply line switching in mobile phones and pagers
• Motor drivers in camcorders and mini disk players




Similar Part No. - ZUMT717

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZUMT717 ZETEX-ZUMT717 Datasheet
126Kb / 3P
PNP SILICON POWER (SWITCHING) TRANSISTOR
logo
Diodes Incorporated
ZUMT717 DIODES-ZUMT717 Datasheet
351Kb / 7P
12V PNP POWER SWITCHING TRANSISTOR IN SOT323
Rev. 2 - 2 August 2014
ZUMT717TA DIODES-ZUMT717TA Datasheet
351Kb / 7P
12V PNP POWER SWITCHING TRANSISTOR IN SOT323
Rev. 2 - 2 August 2014
ZUMT717 DIODES-ZUMT717_15 Datasheet
376Kb / 7P
12V PNP POWER SWITCHING TRANSISTOR IN SOT323
Rev 2
ZUMT717 DIODES-ZUMT717_V01 Datasheet
351Kb / 7P
12V PNP POWER SWITCHING TRANSISTOR IN SOT323
Rev. 2 - 2 August 2014
More results


Similar Description - ZUMT717

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZUMT2907A ZETEX-ZUMT2907A Datasheet
28Kb / 2P
SOT323 PNP SILICON PLANAR SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZUMT617 DIODES-ZUMT617 Datasheet
140Kb / 3P
Super323횚 SOT323 NPN SILICON POWER TRANSISTOR
SEPTEMBER 1998
ZUMT618 DIODES-ZUMT618 Datasheet
129Kb / 3P
Super323횚 SOT323 NPN SILICON POWER(SWITCHING) TRANSISTOR
SEPTEMBER 1998
ZUMT718 DIODES-ZUMT718 Datasheet
62Kb / 3P
Super323 SOT323 PNP SILICON POWER (SWITCHING) TRANSISTOR
JUNE 2000
ZUMT720 DIODES-ZUMT720 Datasheet
144Kb / 3P
Super323횚 SOT323 PNP SILICON POWER (SWITCHING) TRANSISTOR
SEPTEMBER 1998
ZUMT2907A DIODES-ZUMT2907A Datasheet
29Kb / 2P
SOT323 PNP SILICON PLANAR SWITCHING TRANSISTOR
OCTOBER 1998
ZUMT617 DIODES-ZUMT617_15 Datasheet
140Kb / 3P
Super323횚 SOT323 NPN SILICON POWER (SWITCHING) TRANSISTOR
SEPTEMBER 1998
ZUMT618 DIODES-ZUMT618_15 Datasheet
129Kb / 3P
Super323횚 SOT323 NPN SILICON POWER(SWITCHING) TRANSISTOR
SEPTEMBER 1998
ZUMT720 DIODES-ZUMT720_15 Datasheet
144Kb / 3P
Super323횚 SOT323 PNP SILICON POWER (SWITCHING) TRANSISTOR
SEPTEMBER 1998
ZUMT718 DIODES-ZUMT718_15 Datasheet
806Kb / 6P
20V PNP POWER SWITCHING TRANSISTOR IN SOT323
Rev 3
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com