Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZVN2106G Datasheet (PDF) - Diodes Incorporated

ZVN2106G Datasheet PDF - Diodes Incorporated
Part # ZVN2106G
Download  ZVN2106G Download
File Size   41.4 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET

ZVN2106G Datasheet (PDF)

Go To PDF Page Download Datasheet
ZVN2106G Datasheet PDF - Diodes Incorporated

Part # ZVN2106G
Download  ZVN2106G Click to download

File Size   41.4 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET

ZVN2106G Datasheet (HTML) - Diodes Incorporated


ZVN2106G Product details

Features and Benefits
• V(BR)DSS > 60V
• RDS(ON) ≤ 2Ω @ VGS = 10V
• Maximum Continuous Drain Current ID = 0.71A
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• DC-DC Converters
• Solenoids / Relay Driver for Automotive




Similar Part No. - ZVN2106G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZVN2106G ZETEX-ZVN2106G Datasheet
30Kb / 2P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Diodes Incorporated
ZVN2106GTA DIODES-ZVN2106GTA Datasheet
41Kb / 2P
SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
NOVEMBER 1995
ZVN2106G DIODES-ZVN2106G_15 Datasheet
295Kb / 5P
60V N-CHANNEL ENHANCEMENT MODE VERTICAL MOSFET
Rev 4
More results


Similar Description - ZVN2106G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZVN4206GV ZETEX-ZVN4206GV Datasheet
78Kb / 4P
SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4306GV ZETEX-ZVN4306GV Datasheet
118Kb / 4P
SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Diodes Incorporated
ZVN2110G DIODES-ZVN2110G Datasheet
54Kb / 3P
SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
OCTOBER 1995
ZVN4206G DIODES-ZVN4206G Datasheet
58Kb / 4P
SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
JANUARY 1996
ZVN4206GV DIODES-ZVN4206GV Datasheet
86Kb / 4P
SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
APRIL 1998
ZVN4210G DIODES-ZVN4210G Datasheet
48Kb / 3P
SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
NOVEMBER 1995
ZVN4424G DIODES-ZVN4424G Datasheet
344Kb / 4P
SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
OCTOBER 1995
ZVN2120GTA DIODES-ZVN2120GTA Datasheet
51Kb / 3P
SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
FEBRUARY 1996
ZVN4206GTA DIODES-ZVN4206GTA Datasheet
58Kb / 4P
SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
JANUARY 1996
ZVN4206GV DIODES-ZVN4206GV_15 Datasheet
682Kb / 6P
SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
Rev 4
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com