Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZVN4106F Datasheet (PDF) - Diodes Incorporated

ZVN4106F Datasheet PDF - Diodes Incorporated
Part # ZVN4106F
Download  ZVN4106F Download
File Size   52.09 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT23 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET

ZVN4106F Datasheet (PDF)

Go To PDF Page Download Datasheet
ZVN4106F Datasheet PDF - Diodes Incorporated

Part # ZVN4106F
Download  ZVN4106F Click to download

File Size   52.09 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT23 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET

ZVN4106F Datasheet (HTML) - Diodes Incorporated


ZVN4106F Product details

Features
• BVDSS > 60V
• RDS(on) ≤ 2.5Ω @ VGS = 10V
• Maximum continuous drain current ID = 200mA
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - ZVN4106F

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZVN4106F ZETEX-ZVN4106F Datasheet
41Kb / 2P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Diodes Incorporated
ZVN4106FTA DIODES-ZVN4106FTA Datasheet
327Kb / 6P
60V N-CHANNEL ENHANCEMENT MODE VERTICAL DMOSFET IN SOT23
Rev 3
logo
VBsemi Electronics Co.,...
ZVN4106FTA VBSEMI-ZVN4106FTA Datasheet
1,004Kb / 8P
N-Channel 60-V (D-S) MOSFET
logo
Diodes Incorporated
ZVN4106F DIODES-ZVN4106F_15 Datasheet
327Kb / 6P
60V N-CHANNEL ENHANCEMENT MODE VERTICAL DMOSFET IN SOT23
Rev 3
More results


Similar Description - ZVN4106F

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
VN10LF ZETEX-VN10LF Datasheet
28Kb / 1P
SOT23 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
BST82 ZETEX-BST82 Datasheet
30Kb / 1P
SOT23 N CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Diodes Incorporated
ZVN3306F DIODES-ZVN3306F Datasheet
105Kb / 3P
SOT23 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
JANUARY 1996
ZVN3306FTA DIODES-ZVN3306FTA Datasheet
105Kb / 3P
SOT23 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
JANUARY 1996
ZVN3320FTA DIODES-ZVN3320FTA Datasheet
56Kb / 1P
SOT23 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
DECEMBER 1995
VN10LFTA DIODES-VN10LFTA Datasheet
29Kb / 1P
SOT23 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
JANUARY 1996
BSS123 DIODES-BSS123_15 Datasheet
50Kb / 1P
SOT23 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
Rev 19
VN10LF DIODES-VN10LF_15 Datasheet
26Kb / 1P
SOT23 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
JANUARY 1996
ZVN3306F DIODES-ZVN3306F_15 Datasheet
105Kb / 3P
SOT23 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
JANUARY 1996
ZVN3320F DIODES-ZVN3320F_15 Datasheet
56Kb / 1P
SOT23 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
DECEMBER 1995
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com