Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZVN4310G Datasheet (PDF) - Diodes Incorporated

ZVN4310G Datasheet PDF - Diodes Incorporated
Part # ZVN4310G
Download  ZVN4310G Download
File Size   46.5 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT223 N-CHANNEL ENHANCEMENT

ZVN4310G Datasheet (PDF)

Go To PDF Page Download Datasheet
ZVN4310G Datasheet PDF - Diodes Incorporated

Part # ZVN4310G
Download  ZVN4310G Click to download

File Size   46.5 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT223 N-CHANNEL ENHANCEMENT

ZVN4310G Datasheet (HTML) - Diodes Incorporated


ZVN4310G Product details

Features and Benefits
• V(BR)DSS > 100V
• RDS(ON) ≤ 0.54Ω @ VGS = 10V
• Maximum Continuous Drain Current ID = 1.67A
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• DC-DC Converters
• Solenoids / Relay Driver for Automotive




Similar Part No. - ZVN4310G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZVN4310G ZETEX-ZVN4310G Datasheet
34Kb / 2P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Diodes Incorporated
ZVN4310GTA DIODES-ZVN4310GTA Datasheet
675Kb / 5P
100V N-CHANNEL ENHANCEMENT MODE VERTICAL MOSFET IN SOT223
Rev 4
logo
VBsemi Electronics Co.,...
ZVN4310GTA VBSEMI-ZVN4310GTA Datasheet
977Kb / 6P
N-Channel 100-V (D-S) MOSFET
logo
Diodes Incorporated
ZVN4310G DIODES-ZVN4310G_12 Datasheet
675Kb / 5P
100V N-CHANNEL ENHANCEMENT MODE VERTICAL MOSFET IN SOT223
Rev 4
ZVN4310G DIODES-ZVN4310G_15 Datasheet
641Kb / 5P
100V N-CHANNEL ENHANCEMENT MODE VERTICAL MOSFET IN SOT223
Rev 6
More results


Similar Description - ZVN4310G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN10A08G ZETEX-ZXMN10A08G Datasheet
440Kb / 8P
100V SOT223 N-channel enhancement mode MOSFET
ZXMN6A09G ZETEX-ZXMN6A09G_07 Datasheet
525Kb / 8P
60V SOT223 N-channel enhancement mode MOSFET
ZXMN6A25G ZETEX-ZXMN6A25G Datasheet
654Kb / 8P
60V SOT223 N-channel enhancement mode MOSFET
ZXMN10A25G ZETEX-ZXMN10A25G Datasheet
624Kb / 8P
100V SOT223 N-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZVNL120G DIODES-ZVNL120G Datasheet
58Kb / 3P
SOT223 N-CHANNEL ENHANCEMENT MODE
JANUARY 1996
ZXMN6A09G DIODES-ZXMN6A09G Datasheet
564Kb / 8P
60V SOT223 N-channel enhancement mode MOSFET
JUNE 2007
ZXMN6A25G DIODES-ZXMN6A25G Datasheet
665Kb / 8P
60V SOT223 N-channel enhancement mode MOSFET
NOVEMBER 2006
ZVN4424G DIODES-ZVN4424G_15 Datasheet
727Kb / 6P
SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOSFET
March 2015
ZXMN6A08G DIODES-ZXMN6A08G_15 Datasheet
471Kb / 7P
60V SOT223 N-channel enhancement mode MOSFET
Rev 2
logo
Tiger Electronic Co.,Lt...
ZVN4206GVTA TGS-ZVN4206GVTA Datasheet
230Kb / 4P
SOT223 N-CHANNEL ENHANCEMENT
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com