Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZVP1320F Datasheet (PDF) - Diodes Incorporated

ZVP1320F Datasheet PDF - Diodes Incorporated
Part # ZVP1320F
Download  ZVP1320F Download
File Size   90.68 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT23 P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET

ZVP1320F Datasheet (PDF)

Go To PDF Page Download Datasheet
ZVP1320F Datasheet PDF - Diodes Incorporated

Part # ZVP1320F
Download  ZVP1320F Click to download

File Size   90.68 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT23 P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET

ZVP1320F Datasheet (HTML) - Diodes Incorporated


ZVP1320F Product details

Features and Benefits
• V(BR)DSS > -200V
• RDS(on) ≤ 80Ω @ VGS = -10V
• Maximum continuous drain current ID = -35mA




Similar Part No. - ZVP1320F

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZVP1320F ZETEX-ZVP1320F Datasheet
79Kb / 3P
P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Diodes Incorporated
ZVP1320FTA DIODES-ZVP1320FTA Datasheet
466Kb / 8P
200V P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET IN SOT23
Rev 4
logo
VBsemi Electronics Co.,...
ZVP1320FTA VBSEMI-ZVP1320FTA Datasheet
729Kb / 6P
P-Channel 200V (D-S) MOSFET
logo
Diodes Incorporated
ZVP1320F DIODES-ZVP1320F_12 Datasheet
466Kb / 8P
200V P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET IN SOT23
Rev 4
ZVP1320F DIODES-ZVP1320F_15 Datasheet
466Kb / 8P
200V P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET IN SOT23
Rev 4
More results


Similar Description - ZVP1320F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZVP3306F DIODES-ZVP3306F Datasheet
120Kb / 2P
SOT23 P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
JANUARY 1996
ZVP3310F DIODES-ZVP3310F Datasheet
123Kb / 2P
SOT23 P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
OCTOBER 1995
ZVP1320F DIODES-ZVP1320F_12 Datasheet
466Kb / 8P
200V P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET IN SOT23
Rev 4
ZVP3306FTA DIODES-ZVP3306FTA Datasheet
120Kb / 2P
SOT23 P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
JANUARY 1996
BS250FTA DIODES-BS250FTA Datasheet
86Kb / 3P
SOT23 P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
JANUARY 1996
BSS84TA DIODES-BSS84TA Datasheet
60Kb / 1P
SOT23 P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
SEPTEMBER 1995
BS250F DIODES-BS250F_15 Datasheet
86Kb / 3P
SOT23 P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
JANUARY 1996
ZVP1320F DIODES-ZVP1320F_15 Datasheet
466Kb / 8P
200V P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET IN SOT23
Rev 4
ZVP3306F DIODES-ZVP3306F_15 Datasheet
120Kb / 2P
SOT23 P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
JANUARY 1996
ZVP3310F DIODES-ZVP3310F_15 Datasheet
123Kb / 2P
SOT23 P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
OCTOBER 1995
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com