Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC573904 Datasheet (PDF) - Sanyo Semicon Device

LC573904 Datasheet PDF - Sanyo Semicon Device
Part # LC573904
Download  LC573904 Download
File Size   628.2 Kbytes
Page   18 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 4-Bit Microcontroller with 4K-Byte ROM, 120 횞 4Bits RAM and LCD Driver

LC573904 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC573904 Datasheet PDF - Sanyo Semicon Device

Part # LC573904
Download  LC573904 Click to download

File Size   628.2 Kbytes
Page   18 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 4-Bit Microcontroller with 4K-Byte ROM, 120 횞 4Bits RAM and LCD Driver

LC573904 Datasheet (HTML) - Sanyo Semicon Device


LC573904 Product details

Overview
The LC573904 is a CMOS 4-bit microcontroller that operates on low voltage and very low power consumption. It also contains 4K-byte ROM, 128 × 4 bits RAM, LCD drivers and melody function.

Features
(1) ROM :4096 × 8 bits
(2) RAM :128 × 4 bits
(3) Cycle Time
(4) Input / Output Terminals
    - Input ports : 4 terminals (S-port : 4 terminals)
    - Input / Output ports : 8 terminals (P0 port : 4 terminals, P1 port : 4 terminals)
    [Notes] When using the P1 port for output, the “L” level hold Tr. of P1 should be OFF.
        If P1 port becomes “H” level with “L” level hold Tr. on, it causes the through current from VDD to GND and increases the current consumption.
    - Output ports : 2 terminals (Buzzer / melody output terminal : 1 terminal, General output port : 1 terminal)
    - LCD segment output ports : 32 terminals (Possible to use output port by mask option)
    - LCD common output ports : 4 terminals
(5) LCD driver
    - Built-in Step-up / Step-down circuit
(6) Melody/Buzzer
    - Melody function Octave : 3 octaves Time of musical note : specified by program
    - Buzzer output
(7) Base timer
    - 15-bit base timer for timekeeping
(8) HALT release
    - Five vectors
    1. 15-bit base timer (500ms overflow output)
    2. 15-bit base timer (output every 32ms)
    3. S-port
    4. P1-port
    5. 1/10 second pulse
(9) Stand-by mode
    - HALT mode
    The program operation will be stopped in this mode. This mode is released by system reset and 5 vectors for HALT release above-mentioned.
(10) System reset
    - RES terminal
    - Reset by setting S1 to S4 terminals to “H” level simultaneously.
(11) Oscillation
    - Two oscillation circuits
    - 32.768kHz crystal oscillation / RC oscillation
(12) Power supply
    - Ag-battery : VDD1-VSS=1.20V to 1.65V, Step-up voltage (VDD2-VSS=2.4V to 3.3V)
    - Li-battery : VDD2-VSS=2.50V to 3.60V, Step-down voltage (VDD1-VSS=1.25V to 1.8V)
    - External voltage supply : VDD2-VSS=2.00V to 6.00V, Step-down voltage (VDD1-VSS=1.3V to 3.0V)
(13) Shipping form
    - Bare chip, QFP64
(14) The development tool
    - Evaluation chip : LC5797
    - Emulator : EVA520 + TB5739 + DCB-1A




Similar Part No. - LC573904

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC5739 SANYO-LC5739 Datasheet
622Kb / 18P
4-Bit Microcontroller with LCD Driver
More results


Similar Description - LC573904

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM65X227 OKI-MSM65X227 Datasheet
142Kb / 18P
8-Bit Microcontroller (with 4K-Byte EEPROM)
logo
Sanyo Semicon Device
LC573202A SANYO-LC573202A Datasheet
622Kb / 18P
4-Bit Microcontroller with 2K-Byte ROM, 64 횞 4Bits RAM and LCD Driver
LC868016 SANYO-LC868016 Datasheet
689Kb / 28P
8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
LC86F1216A SANYO-LC86F1216A Datasheet
805Kb / 21P
8-Bit Single Chip Microcontroller with the 16K-Byte ROM and 1220-Byte RAM On Chip?
LC872H08A SANYO-LC872H08A Datasheet
224Kb / 28P
CMOS IC 8K/6K/4K-byte ROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC872G08A SANYO-LC872G08A_10 Datasheet
174Kb / 27P
8K/6K/4K-byte ROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC877G16A SANYO-LC877G16A Datasheet
100Kb / 17P
CMOS IC 16K-byte ROM and 512-byte RAM 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC88FC3H0A ONSEMI-LC88FC3H0A Datasheet
418Kb / 48P
16-bit Microcontroller 512K-byte Flash ROM / 47.5K-byte RAM / 100-pin
January 2016 - Rev. 1
LC88FC3J0A ONSEMI-LC88FC3J0A Datasheet
418Kb / 48P
16-bit Microcontroller 640K-byte Flash ROM / 47.5K-byte RAM / 100-pin
January 2016 - Rev. 1
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com