Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZX5T851A Datasheet (PDF) - Diodes Incorporated

ZX5T851A Datasheet PDF - Diodes Incorporated
Part # ZX5T851A
Download  ZX5T851A Download
File Size   114.78 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE

ZX5T851A Datasheet (PDF)

Go To PDF Page Download Datasheet
ZX5T851A Datasheet PDF - Diodes Incorporated

Part # ZX5T851A
Download  ZX5T851A Click to download

File Size   114.78 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE

ZX5T851A Datasheet (HTML) - Diodes Incorporated


ZX5T851A Product details

DESCRIPTION
Packaged in the E-line outline this new 5th generation low saturation 60V NPN transistor offers extremely low on state losses making it ideal for use in DC-DC circuits and various driving and power management functions.

FEATURES
• Extemely low equivalent on-resistance; RSAT = 34mΩ at 5A
• 4.5 amps continuous current
• Up to 15 amps peak current
• Very low saturation voltages

APPLICATIONS
• Emergency lighting circuits
• Motor driving (including DC fans)
• Solenoid, relay and actuator drivers
• DC modules
• Backlight inverters




Similar Part No. - ZX5T851A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T851A ZETEX-ZX5T851A Datasheet
105Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE
ZX5T851ASTOA ZETEX-ZX5T851ASTOA Datasheet
105Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE
ZX5T851ASTZ ZETEX-ZX5T851ASTZ Datasheet
105Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE
logo
Diodes Incorporated
ZX5T851A DIODES-ZX5T851A_15 Datasheet
114Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE
NOVEMBER 2003
More results


Similar Description - ZX5T851A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T851G ZETEX-ZX5T851G Datasheet
122Kb / 6P
60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZX5T851A ZETEX-ZX5T851A Datasheet
105Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE
ZXTN2010G ZETEX-ZXTN2010G Datasheet
122Kb / 6P
60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTN2010A ZETEX-ZXTN2010A Datasheet
110Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE
ZXTP2012A ZETEX-ZXTP2012A Datasheet
114Kb / 6P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE
logo
Diodes Incorporated
ZXTN2010A DIODES-ZXTN2010A Datasheet
125Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE
MAY 2006
ZTX651 DIODES-ZTX651_15 Datasheet
345Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR IN E-LINE
Rev 3
ZX5T851A DIODES-ZX5T851A_15 Datasheet
114Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE
NOVEMBER 2003
ZXTN2010A DIODES-ZXTN2010A_15 Datasheet
125Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE
MAY 2006
ZXTP2012A DIODES-ZXTP2012A_15 Datasheet
130Kb / 6P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE
NOVEMBER 2005
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com