Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC5823 Datasheet (PDF) - Sanyo Semicon Device

LC5823 Datasheet PDF - Sanyo Semicon Device
Part # LC5823
Download  LC5823 Download
File Size   281.81 Kbytes
Page   24 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 4-Bit Single-Chip Microcontrollers Featuring 4 KB to 8 KB of ROM, 1 Kbit of RAM, and an LCD Driver for Medium Speed Small-Scale Control Applications

LC5823 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC5823 Datasheet PDF - Sanyo Semicon Device

Part # LC5823
Download  LC5823 Click to download

File Size   281.81 Kbytes
Page   24 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 4-Bit Single-Chip Microcontrollers Featuring 4 KB to 8 KB of ROM, 1 Kbit of RAM, and an LCD Driver for Medium Speed Small-Scale Control Applications

LC5823 Datasheet (HTML) - Sanyo Semicon Device


LC5823 Product details

Overview
The LC5822, LC5823, and LC5824 are CMOS microcontrollers that feature the low-voltage operation required for battery-power applications and that provide 4 KB, 6 KB, or 8 KB of ROM, 1 kilobit of RAM, and an LCD driver.

Features
• These microcontrollers are high-end versions of the LC5800 and provide the following features.

Low Current Drain * In halt mode (typical)
• Ceramic oscillator 400 kHz (3.0 V) 200 µA
• Crystal oscillator 32 kHz (1.5 V, Ag specifications) 3.0 µA (LCD biases other than 1/3) 4.5 µA (LCD drive: 1/3 bias)
• Crystal oscillator 32 kHz (3.0 V, Li specifications) 2.0 µA (LCD biases other than 1/3) 6.0 µA (LCD drive: 1/3 bias)

Timer and Counter Functions
• One 8-bit programmable timer (May be used as an event counter)
• One 8-bit programmable reload timer
• Time base timer (for clocks)
• Watchdog timer
• 8-bit serial I/O (3-pin synchronous system)

Standby Functions
• Clock standby function (halt mode)
    Only the oscillator circuits, the divider circuit, and the LCD driver operate. All other internal operations are stopped. This provides a power-saving function in which current drain is minimized, and allows a clock function to be implemented easily with low power dissipation.
    Furthermore, low-speed and high-speed modes can be implemented by setting the operating modes of the two oscillator circuits.
• Full standby function (hold mode)
• Halt mode can be cleared by any of two external and two internal interrupts.

Applications
• LCD display in multi-function watches, timers, and other products
• Control and LCD display in timers
• Control and LCD display in miniature test equipment, health maintenance equipment, and other products
• These microcontrollers are optimal for products that include an LCD display, especially battery powered products.




Similar Part No. - LC5823

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LC58 MICROSEMI-LC58 Datasheet
79Kb / 2P
TRANSIENT ABSORPTION ZENER
LC58 MICROSEMI-LC58 Datasheet
586Kb / 4P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LC58 MICROSEMI-LC58 Datasheet
196Kb / 4P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LC58 NJSEMI-LC58 Datasheet
175Kb / 3P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Sanyo Semicon Device
LC5805 SANYO-LC5805 Datasheet
881Kb / 32P
SINGLE-CHIP 4-BIT MICROCOMPUTER WITH LCD DRIVERS
More results


Similar Description - LC5823

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC5851N SANYO-LC5851N Datasheet
765Kb / 31P
Small-Scale Control, Medium Speed Type, On-Chip LCD Driver 4-Bit Single Chip Microcomputer
LC587008 SANYO-LC587008 Datasheet
779Kb / 29P
Single-Chip 4-Bit Microprocessors with LCD Drivers, 2Kb RAM, and 8,12,or 16 KB ROM on chip
LC651104N SANYO-LC651104N Datasheet
854Kb / 35P
Single-Chip 4-Bit Microcomputer for Small-Scale Control-Oriented Applications
LC651204N SANYO-LC651204N Datasheet
312Kb / 35P
4-Bit Single-Chip Microcontrollers for Small-Scale Control Applications
LC651306A SANYO-LC651306A Datasheet
697Kb / 21P
4-Bit Single-Chip Microcontroller for Small-Scale Control Applications
LC662104A SANYO-LC662104A Datasheet
104Kb / 13P
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662304A SANYO-LC662304A Datasheet
158Kb / 25P
Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662508A SANYO-LC662508A Datasheet
151Kb / 17P
Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC66354C SANYO-LC66354C Datasheet
140Kb / 21P
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC665304A SANYO-LC665304A Datasheet
182Kb / 26P
Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com